Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA328 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 45Page - STMicroelectronics STA328 Datasheet HTML 46Page - STMicroelectronics STA328 Datasheet HTML 47Page - STMicroelectronics STA328 Datasheet HTML 48Page - STMicroelectronics STA328 Datasheet HTML 49Page - STMicroelectronics STA328 Datasheet HTML 50Page - STMicroelectronics STA328 Datasheet HTML 51Page - STMicroelectronics STA328 Datasheet HTML 52Page - STMicroelectronics STA328 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
STA328
User programmable processing
49/57
7.6.14
Coefficient b0 data register bits 23:16 (addr 0x23)
7.6.15
Coefficient b0 data register bits 15:8 (addr 0x24)
7.6.16
Coefficient b0 data register bits 7:0 (addr 0x25)
7.6.17
Coefficient write control register (addr 0x26)
Coefficients for EQ, mix and scaling are handled internally in the STA328 via RAM. Access
to this RAM is available to the user via an I2C register interface. A collection of I2C registers
are dedicated to this function. First register contains the coefficient base address, five sets
of three registers store the values of the 24-bit coefficients to be written or that were read,
and one contains bits used to control the read or write of the coefficient (s) to RAM. The
following are instructions for reading and writing coefficients.
D7
D6
D5
D4
D3
D2
D1
D0
C5B23
C5B22
C5B21
C5B20
C5B19
C5B18
C5B17
C5B16
00
00
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C5B15
C5B14
C5B13
C5B12
C5B11
C5B10
C5B9
C5B8
000000
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C5B7
C5B6
C5B5
C5B4
C5B3
C5B2
C5B1
C5B0
0
0
00
00
00
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
Reserved
RA
R1
WA
W1
0
0
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com