Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M29W400 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M29W400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M29W400 Datasheet HTML 11Page - STMicroelectronics M29W400 Datasheet HTML 12Page - STMicroelectronics M29W400 Datasheet HTML 13Page - STMicroelectronics M29W400 Datasheet HTML 14Page - STMicroelectronics M29W400 Datasheet HTML 15Page - STMicroelectronics M29W400 Datasheet HTML 16Page - STMicroelectronics M29W400 Datasheet HTML 17Page - STMicroelectronics M29W400 Datasheet HTML 18Page - STMicroelectronics M29W400 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Symbol
Alt
Parameter
Test
Condition
M29W400T / M29W400B
Unit
-120
-150
VCC = 2.7V to 3.6V VCC = 2.7V to 3.6V
Min
Max
Min
Max
tAVAV
tRC
Address Valid to Next Address Valid
E= VIL,
G= VIL
120
150
ns
tAVQV
tACC
Address Valid to Output Valid
E= VIL,
G= VIL
120
150
ns
tELQX
(1)
tLZ
Chip Enable Low to Output
Transition
G= VIL
00
ns
tELQV
(2)
tCE
Chip Enable Low to Output Valid
G = VIL
120
150
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output
Transition
E= VIL
00
ns
tGLQV
(2)
tOE
Output Enable Low to Output Valid
E = VIL
50
55
ns
tEHQX
tOH
Chip Enable High to Output
Transition
G= VIL
00
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
G = VIL
30
40
ns
tGHQX
tOH
Output Enable High to Output
Transition
E= VIL
00
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
E = VIL
30
40
ns
tAXQX
tOH
Address Transition to Output
Transition
E= VIL,
G= VIL
00
ns
tPLYH
(1,3)
tRRB
tREADY
RP Low to Read Mode
10
10
µs
tPHEL
tRH
RP High to Chip Enable Low
50
50
ns
tPLPX
tRP
RP Pulse Width
500
500
ns
tELBL
tELBH
tELFL
tELFH
Chip Enable to BYTE Switching Low
or High
55
ns
tBLQZ
tFLQZ
BYTE Switching Low to Output
High Z
60
60
ns
tBHQV
tFHQV
BYTE Switching High to Output
Valid
60
60
ns
Notes: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV -tGLQV after the falling edge of E without increasing tELQV.
3. To be considered only if the Reset pulse is given while the memory is in Erase or Program mode.
Table 14B. Read AC Characteristics
(TA = 0 to 70
°C, –20 to 85°C or –40 to 85°C)
15/34
M29W400T, M29W400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com