Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA2002E Datasheet(PDF) 6 Page - Sames

Part # SA2002E
Description  Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002E Datasheet(HTML) 6 Page - Sames

Back Button SA2002E Datasheet HTML 2Page - Sames SA2002E Datasheet HTML 3Page - Sames SA2002E Datasheet HTML 4Page - Sames SA2002E Datasheet HTML 5Page - Sames SA2002E Datasheet HTML 6Page - Sames SA2002E Datasheet HTML 7Page - Sames SA2002E Datasheet HTML 8Page - Sames SA2002E Datasheet HTML 9Page - Sames SA2002E Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
sames
SA2002E
6/10
http://www.sames.co.za
ELECTROSTATIC DISCHARGE (ESD)
PROTECTION
POWER CONSUMPTION
INPUT SIGNALS
The SA2002E integrated circuit's inputs/outputs are protected
against ESD.
The power consumption rating of the SA2002E integrated
circuit is less than 25mW.
A bias resistor of 24k
set optimum bias conditions on chip.
Calibration of the SA2002E should be done on the voltage
input as described in Typical Applications.
Figure 6 shows the typical connections for the current sensor
input. The resistor R1 and R2 define the current level into the
current sense inputs of the SA2002E. At maximum rated
current the resistor values should be selected for input currents
of 16µA
.
Values for resistors R1 and R2 can be calculated as follows:
R1 = R2 = (I /16µA) x RSH/2
Where I = Line current
RSH = Shunt resistor or termination resistor if a CT is used as
the current sensor.
The value of RSH, if used as the CT's termination resistor,
should be less than the DC resistance of the CT's secondary
winding. The voltage drop across RSH should not be less than
16mV
at rated currents.
The current into the A/D converter should be set at 14µA
at
nominal mains voltage. The voltage sense input saturates at
an input current of ±25µA peak. Referring to figure 6 the typical
connections for the voltage sense input is illustrated. Resistors
R3, R4 and R5 set the current for the voltage sense input. The
mains voltage is divided down to 14V
. The current into the
A/D converter input is set at 14µA
via resistor R5.
VREF
Current sense input (IIP and IIN)
Voltage Sense Input (IVP)
W
RMS
L
L
RMS
RMS
RMS
RMS
OUTPUT SIGNAL
Pulse output (FOUT)
The output on FOUT is a pulse density signal representing the
instantaneous power/energy measurement as shown in figure
8. The minimum timing characteristics are shown in the figure
9. The output frequency may be calculated using the following
formula:
f = 11.16 x FOUT x ( I x I ) / I
Where:
FOUT = Typical rated output frequency (1160Hz)
I = Input current on current sense input (16µA at rated
conditions)
I = Input current on voltage sense input (16µA at rated
conditions)
I = Reference current on VREF typically 50µA
An integrated anti-creep function does not allow output pulses
on FOUT if no power is measured by the device.
IV
R
I
V
R
2
Figure 8: FOUT instantaneous pulse output
Figure 9: FOUT pulse width
POWER
DR-01282
FOUT
Vx I
vMAINS
P
t
t
t
t
71µs min.
71µs
DR-01151



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com