Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M008000000 Datasheet(PDF) 1 Page - ABB

Part # M008000000
Description  IP44-SNAP-ON COVER - D. 60 H. 35
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

M008000000 Datasheet(HTML) 1 Page - ABB

  M008000000 Datasheet HTML 1Page - ABB M008000000 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
EAN:
Minimum Order Quantity:
Customs Tariff Number:
Product Net Depth:
Product Net Weight:
Package Level 1 Units:
Package Level 1 Width:
Package Level 1 Height:
Package Level 1 Length:
Package Level 1 Gross Weight:
Package Level 1 EAN:
Package Level 2 Units:
RoHS Status:
Color:
Degree of Protection:
Enclosure Material:
IIT Publishing Status:
Material:
Mounting Type:
Product Main Type:
Product Name:
Protection Class:
Data Sheet, Technical Information:
Declaration of Conformity - CE:
RoHS Information:
ETIM 4:
ETIM 5:
Object Classification Code:
General Information
M008000000
00800
8000126008005
IP44-SNAP-ON COVER - D. 60 H. 35
IP44-SNAP-ON COVER-D. 60 H. 35 - GWT 650°C
Categories
Products
» Low Voltage Products and Systems » Enclosures (System Pro E) » Junction Boxes (System pro E - Installation
Material)
» Floor Distribution System
Ordering
8000126008005
1 piece
85381000
Dimensions
0.032 m
0.048 kg
Container Information
1 piece
400 mm
265 mm
590 mm
12.58 kg
8000126067989
240 piece
Environmental
Planned to follow EU Directive 2002/95/EC August 18, 2005 and amendment after 2006-01-
01
Additional Information
grey RAL7035
IP44
thermoplastic
Level 0 - Information enabled
thermoplastic
wall-mounting
Watertight Boxes
Watertight Boxes
Isolated
Certificates and Declarations (Document Number)
1SLC001001D0905
1SLT100031D0200
1SLT00014R4E0
Classifications
EC002600 - Box/housing for surface mounting on the wall/ceiling
EC002600 - Box/housing for surface mounting on the wall/ceiling
U
M008000000


Similar Part No. - M008000000

ManufacturerPart #DatasheetDescription
logo
ABB
M008020000 ABB-M008020000 Datasheet
38Kb / 2P
IP44-SNAP-ON COVER-D. 80 H. 80 - GWT 650°C
M008080000 ABB-M008080000 Datasheet
38Kb / 2P
IP44-SNAP-ON COVER - 65X65X32
More results

Similar Description - M008000000

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
506-4488 CAMBION-506-4488 Datasheet
30Kb / 1P
Snap on colour coded cover for 450-3888 test points
logo
PowerDynamics, Inc
PDSN-8 POWERDYNAMICS-PDSN-8 Datasheet
40Kb / 1P
9V BATTERY SNAP WITH PVC COVER
logo
Kemet Corporation
2A-143 KEMET-2A-143 Datasheet
146Kb / 1P
Snap-in Cover Assembly Machine
logo
Molex Electronics Ltd.
130112-0160 MOLEX11-130112-0160 Datasheet
39Kb / 1P
Construction Snap-on Bottom Cover
130112-0174 MOLEX11-130112-0174 Datasheet
31Kb / 1P
Clear Polycarbonate Snap-on Bottom Cover
1301120160 MOLEX11-1301120160 Datasheet
32Kb / 1P
Construction Snap-on Bottom Cover
1301120174 MOLEX11-1301120174 Datasheet
32Kb / 1P
Clear Polycarbonate Snap-on Bottom Cover
logo
PHOENIX CONTACT
2955564 PHOENIX-2955564 Datasheet
123Kb / 4P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
2956819 PHOENIX-2956819 Datasheet
80Kb / 4P
Electronics housing base element with snap-on foot for mounting on standard DIN rail, 35 mm wide
2706700 PHOENIX-2706700 Datasheet
53Kb / 3P
Cover - ME B-SA/NS 35 KMGY
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com