Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M54HC4050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4050
Description  HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4050 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4050 Datasheet HTML 1Page - STMicroelectronics M54HC4050 Datasheet HTML 2Page - STMicroelectronics M54HC4050 Datasheet HTML 3Page - STMicroelectronics M54HC4050 Datasheet HTML 4Page - STMicroelectronics M54HC4050 Datasheet HTML 5Page - STMicroelectronics M54HC4050 Datasheet HTML 6Page - STMicroelectronics M54HC4050 Datasheet HTML 7Page - STMicroelectronics M54HC4050 Datasheet HTML 8Page - STMicroelectronics M54HC4050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54/74HC4049
M54/74HC4050
March 1993
HC4050 HEX BUFFER/CONVERTER
HC4049 HEX BUFFER/CONVERTER (INVERTER)
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXXF1R
M74HCXXXXM1R
M74HCXXXXB1R
M74HCXXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
tPD = 9 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 4049B/4050B
DESCRIPTION
The M54/74HC4049 and the M54/74HC4050 are
high speed CMOS HEX BUFFER fabricated in sili-
con gate C
2MOS technology.
They have the same high speed performance of
LSTTL combined with true CMOS low power con-
sumption.
The M54/75HC4049 is an inverting buffer, while the
M54/74HC4050 is a non-inverting buffer.
The internal circuit is composed of 3 stage or 2-
stage inverters, which provides high noise immunity
and a stable output.
Input protection circuits are different from those of
the high speed CMOS IC’s.
The VCC side diodes are designed to allow logic-
level convertion from high-level voltages (up to
15 V) to low-level voltages.
HC4049
HC4050
1/11


Similar Part No. - M54HC4050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4050 STMICROELECTRONICS-M54HC4050 Datasheet
309Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER
14-May-2004
M54HC4050 STMICROELECTRONICS-M54HC4050 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4050D STMICROELECTRONICS-M54HC4050D Datasheet
309Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER
14-May-2004
M54HC4050D STMICROELECTRONICS-M54HC4050D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4050D1 STMICROELECTRONICS-M54HC4050D1 Datasheet
309Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER
14-May-2004
More results

Similar Description - M54HC4050

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4049B SLS-SL4049B Datasheet
33Kb / 4P
Hex Buffer/Converter
SL4050B SLS-SL4050B Datasheet
32Kb / 4P
Hex Buffer/Converter
logo
Intersil Corporation
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
CMOS Hex Buffer/Converter
July 1999
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
CMOS Hex Buffer/Converter
December 1992
logo
STMicroelectronics
M74HC4049 STMICROELECTRONICS-M74HC4049 Datasheet
540Kb / 8P
HEX BUFFER/CONVERTER (INVERTER)
Jul-2001
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP_07 Datasheet
302Kb / 8P
Hex Buffer/Converter
logo
STMicroelectronics
M74HC4050 STMICROELECTRONICS-M74HC4050 Datasheet
554Kb / 8P
HEX BUFFER/CONVERTER
Jul-2001
M54HC4049 STMICROELECTRONICS-M54HC4049_04 Datasheet
311Kb / 9P
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
14-May-2004
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com