Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OTPL40FD Datasheet(PDF) 15 Page - ABB

Part # OTPL40FD
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OTPL40FD Datasheet(HTML) 15 Page - ABB

Back Button OTPL40FD Datasheet HTML 11Page - ABB OTPL40FD Datasheet HTML 12Page - ABB OTPL40FD Datasheet HTML 13Page - ABB OTPL40FD Datasheet HTML 14Page - ABB OTPL40FD Datasheet HTML 15Page - ABB OTPL40FD Datasheet HTML 16Page - ABB OTPL40FD Datasheet HTML 17Page - ABB OTPL40FD Datasheet HTML 18Page - ABB OTPL40FD Datasheet HTML 19Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 192 page
background image
—
Manual switch-disconnectors OT16...125, IEC
Technical data
Technical data according to IEC 60947-3
Switch type
OT16F
OT25F
OT40F
OT63F
OT80F
OT100F
OT125F
Rated insulation voltage and
rated operational voltage AC20/DC20
Pollution degree 3
750 V
750 V
750 V
750 V
750 V
750 V
750 V
Dielectric strength
50 Hz
1 min.
6 kV
6 kV
6 kV
6 kV
6 kV
6 kV
6 kV
Rated impulse withstand voltage
8 kV
8 kV
8 kV
8 kV
8 kV
8 kV
8 kV
Rated thermal current and rated
operational current AC20/DC20
...with minimum conductor cross section
Ambient 40 °C 2)
In open air
25 A
32 A
40 A
63 A
80 A
115 A
125 A
Ambient 40 °C 2)
In enclosure 25 A
32 A
40 A
63 A
80 A
115 A
125 A
Ambient 60 °C
In enclosure 20 A
25 A
32 A
50 A
63 A
80 A
100 A
Cu
4 mm²
6 mm²
10 mm²
16 mm²
25 mm²
35 mm²
50 mm²
Rated operational current, AC-21A
up to 415 V
16 A
25 A
40 A
63 A
80 A
100 A
125 A
440...690 V
16 A
25 A
40 A
63 A
80 A
100 A
125 A
Rated operational current, AC-22A
up to 415 V
16 A
25 A
40 A
63 A
80 A
100 A
125 A
440...690 V
16 A
25 A
40 A
63 A
80 A
100 A
125 A
Rated operational current, AC-23A
up to 415 V
16 A
20 A
23 A
63 A
75 A
80 A
90 A
440 V
16 A
20 A
23 A
63 A
65 A
65 A
78 A
500 V
16 A
20 A
23 A
45 A
58 A
60 A
70 A
690 V
10 A
11 A
12 A
20 A
20 A
40 A
50 A
Rated operational current /
poles in series, DC-21A
24...48 V 1)
16 A/1
25 A/1
32 A/1
63 A/1
80 A/1
100 A/1
125 A/1
110 V
16 A/2
25 A/2
32 A/2
63 A/2
80 A/2
100 A/2
125 A/2
220 V
16 A/3
25 A/3
32 A/3
63 A/4
80 A/4
100 A/4
125 A/4
440 V
16 A/4
16 A/4
16 A/4
16 A/4
16 A/4
–
–
500 V
16 A/4
16 A/4
16 A/4
16 A/4
16 A/4
–
–
750 V
16 A/8
25 A/8
32 A/8
–
–
–
–
Rated operational current /
poles in series, DC-22A
24...48 V 1)
16 A/1
25 A/1
32 A/1
63 A/1
80 A/1
100 A/1
125 A/1
110 V
16 A/2
25 A/2
32 A/2
63 A/2
80 A/2
100 A/2
125 A/2
220 V
16 A/3
25 A/3
32 A/4
45 A/4
45 A/4
63 A/4
80 A/4
440 V
10 A/4
10 A/4
10 A/4
10 A/4
10 A/4
–
–
750 V
16 A/8
25 A/8
25 A/8
–
–
–
–
Rated operational current /
poles in series, DC-23A
24...48 V 1)
16 A/1
25 A/1
32 A/1
63 A/1
80 A/1
100 A/1
125 A/1
110 V
16 A/2
25 A/2
32 A/2
63 A/2
80 A/2
100 A/2
125 A/2
220 V
16 A/4
25 A/4
32 A/4
45 A/4
45 A/4
63 A/4
63 A/4
440 V
10 A/4
10 A/4
10 A/4
10 A/4
10 A/4
–
–
750 V
16 A/8
16 A/8
16 A/8
–
–
–
–
Rated operational power, AC-23A
(These values are given for guidance
and may vary acc. to the motor
manufacturer)
220...240 V
3 kW
4 kW
5.5 kW
11 kW
22 kW
22 kW
22 kW
400...415 V
7.5 kW
9 kW
11 kW
22 kW
37 kW
37 kW
45 kW
440...500 V
7.5 kW
9 kW
11 kW
22 kW
37 kW
37 kW
45 kW
690 V
7.5 kW
9 kW
11 kW
15 kW
18.5 kW
37 kW
45 kW
Rated breaking capacity, AC-23A
up to 415 V
128 A
160 A
184 A
360 A
640 A
640 A
720 A
440 V
128 A
160 A
184 A
360 A
448 A
520 A
624 A
500 V
128 A
160 A
184 A
360 A
464 A
480 A
560 A
690 V
80 A
88 A
96 A
160 A
160 A
320 A
400 A
Rated breaking capacity/
poles in series, DC-23A
24...48 V
64 A/1
100 A/1
128 A/1
180 A/1
252 A/1
400 A/1
500 A/1
110 V
64 A/2
100 A/2
128 A/2
180 A/2
252 A/2
400 A/2
500 A/2
220 V
64 A/3
100 A/4
128 A/4
180 A/4
180 A/4
252 A/4
252 A/4
440 V
40 A/4
40 A/4
40 A/4
40 A/4
40 A/4
–
–
750 V
64 A/8
64 A/8
64 A/8
–
–
–
–
Rated conditional short-circuit current Iq
(r.m.s.) and corresponding max. Allowed
cut-off current Îc of fuse. The cut-off
current Îc referes to values listed by fuse
manufacturers (single phase test acc. To
IEC60269)
Iq 50kA, ≤415V
Max. OFA_fuse size
Îc
6.5 kA
6.5 kA
6.5 kA
13 kA
13 kA
16.5 kA
16.5 kA
gG/aM
40 A/32 A
40 A/32 A
40 A/32 A
100 A/80 A
100 A/80 A
125 A/125 A 125 A/125 A
Iq 100kA, 500V
Max. OFA_fuse size
Îc
–
–
–
17 kA
17 kA
–
–
gG/aM
–
–
–
100 A/80 A
100 A/80 A
–
–
Iq 10kA, 690V
Max. OFA_fuse size
Îc
–
–
–
–
–
8.2 kA
8.2 kA
gG/aM
–
–
–
–
–
125 A/100 A 125 A/100 A
Iq 50kA, 690V
Max. OFA_fuse size
Îc
4 kA
4 kA
4 kA
11 kA
11 kA
10 kA
10 kA
gG/aM
25 A/16 A
25 A/16 A
25 A/16 A
80 A/63 A
80 A/63 A
63 A/63 A
63 A/63 A
Rated short-time withstand current
r.m.s. -value Icw
690 V, 1 s
0.5 kA
0.5 kA
0.5 kA
1.5 kA
1.5 kA
2.5 kA
2.5 kA
Rated short circuit making capacity
Peak value Icm
690 V/500 V 0.71 kA
0.71 kA
0.71 kA
2.1 kA
2.1 kA
3.6 kA
3.6 kA
Rated capacitor power (the capacitor
ratings are limited by the fuse link.)
400...415 V
6.5 kVAr
10 kVAr
15 kVAr
25 kVAr
30 kVAr
40 kVAr
50 kVAr
Power loss/pole
At rated operational current
0.3 W
0.6 W
1.6 W
2.8 W
4.5 W
4.0 W
6.3 W
Mechanical endurance
Divide by two for operation
cycles
20 000 Oper. 20 000 Oper. 20 000 Oper. 20 000 Oper. 20 000 Oper. 20 000 Oper. 20 000 Oper.
Weight without accessories
3-pole
0.11 kg
0.11 kg
0.11 kg
0.27 kg
0.27 kg
0.36 kg
0.36 kg
4-pole
0.15 kg
0.15 kg
0.15 kg
0.35 kg
0.35 kg
0.50 kg
0.50 kg
Cable size
Cu-wire size suitable
for terminal clamps
0.75...10 mm² 0.75...10 mm² 0.75...10 mm² 1.5...35 mm² 1.5...35 mm² 10...70 mm² 10...70 mm²
18-8 AWG
18-8 AWG
18-8 AWG
14-4 AWG
14-4 AWG
8-00 AWG
8-00 AWG
Terminal tightening torque
Counter torque required
0.8 Nm
0.8 Nm
0.8 Nm
2 Nm
2 Nm
6 Nm
6 Nm
Operating torque
3-pole switch-disconnector
1 Nm
1 Nm
1 Nm
1.2 Nm
1.2 Nm
2 Nm
2 Nm
1)
Below 48 V, two poles in parallel up to OT80 are recommended particularly in polluted atmosphere.
2)
Acc. to IEC 60947-1, § 6.1.1.
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
15
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com