Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M29F002 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M29F002
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M29F002 Datasheet HTML 8Page - STMicroelectronics M29F002 Datasheet HTML 9Page - STMicroelectronics M29F002 Datasheet HTML 10Page - STMicroelectronics M29F002 Datasheet HTML 11Page - STMicroelectronics M29F002 Datasheet HTML 12Page - STMicroelectronics M29F002 Datasheet HTML 13Page - STMicroelectronics M29F002 Datasheet HTML 14Page - STMicroelectronics M29F002 Datasheet HTML 15Page - STMicroelectronics M29F002 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
(2)
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ILR1
RPNC Leakage Current High
RPNC = VCC
±1
µA
ILR2
RPNC Leakage Current Low
RPNC = VSS
–0.2
–10
µA
ICC1
Supply Current (Read) TTL Byte
E = VIL,G= VIH, f = 6MHz
20
mA
ICC2
Supply Current (Standby) TTL
E = VIH
1mA
ICC3
Supply Current (Standby) CMOS
E = VCC
± 0.2V
100
µA
ICC4
(1)
Supply Current (Program or Erase)
Byte program, Block or
Chip Erase in progress
20
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 5.8mA
0.45
V
VOH
Output High Voltage TTL
IOH = –2.5mA
2.4
V
Output High Voltage CMOS
IOH = –100
µAVCC –0.4V
V
VID
A9, E, G, RPNC High Voltage
11.5
12.5
V
IID
A9, E, G, RPNC High Current
A9, E, G or RPNC = VID
100
µA
VLKO
Supply Voltage (Erase and
Program lock-out)
3.2
4.2
V
Note: 1. Sampled only, not 100% tested.
2. Except RPNC.
Table 13. DC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC =5V ± 10%)
Block Erase (BE) Instruction. This instruction
uses a minimum of six write cycles. The Erase
Set-up command 80h is written to address 555h on
third cycle after the two Coded cycles. The Block
Erase Confirm command 30h is similarly written on
the sixth cycle after another two Coded cycles.
During the input of the second command an ad-
dress within the block to be erased is given and
latched into the memory. Additional block Erase
Confirm commands and block addresses can be
written subsequently to erase other blocks in par-
allel, without further Coded cycles. The erase will
start after the erase timeout period (see Erase
Timer Bit DQ3 description). Thus, additional Erase
Confirm commands for other blocks must be given
within this delay. The input of a new Erase Confirm
command will restart the timeout period. The status
of the internal timer can be monitored through the
level of DQ3, if DQ3 is ’0’ the Block Erase Com-
mand has been given and the timeout is running, if
DQ3 is ’1’, the timeout has expired and the P/E.C.
is erasing the Block(s). If the second command
given is not an erase confirm or if the Coded cycles
are wrong, the instruction aborts, and the device is
reset to Read Array. It is not necessary to program
the block with 00h as the P/E.C. will do this auto-
matically before to erasingto FFh. Read operations
after the sixth rising edge of W or E output the
status register status bits.
During the executionof the erase by the P/E.C.,the
memory accepts only the Erase Suspend ES and
Read/Reset RD instructions. Data Polling bit DQ7
returns ’0’ while the erasure is in progress and ’1’
when it has completed. The Toggle bit DQ2 and
DQ6 toggle during the erase operation. They stop
when erase is completed. After completion the
Status Register bit DQ5 returns ’1’ if there has been
an erase failure. In such a situation, the Toggle bit
DQ2 can be used to determine which block is not
correctly erased. In the case of erase failure, a
Read/Reset RD instruction is necessary in order to
reset the P/E.C.
12/29
M29F002T, M29F002NT, M29F002B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com