Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDG1026KS-RAC6A Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # TDG1026KS-RAC6A
Description  CAT6A RIGHT ANGLE INLINE COUPLER, SHIELDED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

TDG1026KS-RAC6A Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  TDG1026KS-RAC6A Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D4 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
.87
22.0
.63
16.1
.32
8.2
.63
16.0
1.33
33.8
.76
19.4
.32
8.2
.40
10.1
.57
14.5
.66
16.7
CAT.6A
NOTES:
ELECTRICAL:
VOLTAGE RATING: 125 VAC RMS
1.
CURRENT RATING: 1.5 AMP
2.
CONTACT RESISTANCE: 100 MILLIOHMS MAX
3.
INSULATION RESISTANCE: 1000 MEGOHMS MIN @500 VDC
4.
DIELECTRIC STRENGTH: 750 VAC RMS 60Hz,1 MIN
5.
ENVIRONMENTAL:
STORAGE: -40°C TO +85°C
1.
OPERATION: 0° C TO +70° C
2.
MECHANICAL:
HOUSING MATERIAL: ZINC ALLOY
1.
INSERT MATERIAL: FLAME RETARDANCY PBT
2.
PCB MATERIAL: FR4 UL 94V0
3.
CONTACT MATERIAL: PHOSPHOR BRONZE STAMP
4.
PIN T=0.30mm
IDC CONTACT MATERIAL: PHOSPHOR BRONZE
5.
T=0.50mm WITH TIN PLATING
RJ11 JACK; LIFE: 750 TIMES MIN
6.
WIRE: AWG 22-26
7.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
01/08/2024
HBAKKE
GUTTADAURO
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
TDG1026KS-RAC6A
A
CAT6A RIGHT ANGLE INLINE COUPLER, SHIELDED
HBAKKE
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - TDG1026KS-RAC6A

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
TDG1026KS-RC6A L-COM-TDG1026KS-RC6A Datasheet
54Kb / 1P
C6A SHLD 90° KEYSTONE CPLR
10/23/13
More results

Similar Description - TDG1026KS-RAC6A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SS-39200-020 BEL-SS-39200-020 Datasheet
541Kb / 2P
SS-39200 Series CAT6a Shielded Plugs
logo
PHOENIX CONTACT
2727792 PHOENIX-2727792 Datasheet
96Kb / 2P
Connector set for Inline bus coupler
2860374 PHOENIX-2860374 Datasheet
47Kb / 2P
Connector set for Inline bus coupler, color-coded
logo
Tripp Lite. All Rights ...
N235-001-SH-6A TRIPPLITE-N235-001-SH-6A Datasheet
166Kb / 3P
Cat6a Straight-Through Modular Shielded In-Line Snap-In Coupler (RJ45 F/F), TAA
logo
Belden Inc.
RVAIU2UBK-B24 BELDEN-RVAIU2UBK-B24 Datasheet
273Kb / 2P
DataTuff Industrial REVConnect Coupler CAT6A UTP
logo
Kycon, Inc.
KUSBEX KYCON-KUSBEX Datasheet
1Mb / 1P
Fully Shielded Right Angle USB
logo
Hubbell Incorporated.
HI6C HUBBELL-HI6C Datasheet
277Kb / 1P
Category 6 Copper Panel Mount Connectors Inline Coupler
logo
Bel Fuse Inc.
SS-60400-028 BEL-SS-60400-028 Datasheet
541Kb / 1P
SealJackTM PCB Coupler Right Angle RJ45 to Right Angle SealJackTM RJ45
logo
Tripp Lite. All Rights ...
N235-D01-SH-6A TRIPPLITE-N235-D01-SH-6A Datasheet
40Kb / 3P
Cat6a Shielded In-Line DIN-Rail Mountable Snap- In Coupler (RJ45 F/F), TAA
logo
Switchcraft, Inc.
RAHPCRJ45AUE SWITCH-RAHPCRJ45AUE Datasheet
168Kb / 1P
RIGHT ANGLE SHIELDED RJ45, RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com