Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCD-026 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # SCD-026
Description  DC Power Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

SCD-026 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  SCD-026 Datasheet HTML 1Page - Electronic Components Ltd. SCD-026 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLIFF DC Power Connectors
The
CLIFF
®
range of DC Power Connectors comprise several different models for chassis
mounting and horizontal or vertical PCB mounting. Our products are manufactured to strict quality
and performance standards and incorporate a tough durable UL 94V-0 body. The standard colour
is Black and some models are available with a choice of pin diameters and switched contacts.
Typical applications include portable equipment of all types, signal processors, power supplies
etc.
DC-8 PCB mounting
pin ring type. Rated
12V / 1A. Minature
version for PCB
mounting. 1.3mm
dia. pin.
DC-8 (FC68145)
DC-9 PCB mounting
pin ring type with
switch. Rated 12V /
5A. DC9 with 2.1mm
dia. pin. DC9A with
2.5mm dia. pin.
DC-9 (FC68146)
DC-9A (FC681461)
DC-10 PCB mounting
pin / ring type with
switch. Rated 12V /
5A. DC10A with
2.1mm dia. pin.
DC10B with 2.5mm
dia. pin.
DC-10A (FC68148)
DC-10B (FC68149)
PC LAYOUT
PC LAYOUT
PC LAYOUT
SCD-026 chassis
mounting.
SCD - 026 with
2.1mm dia. pin.
SCD - 026A with
2.5mm dia. pin.
SCD-026 (FC681445)
SCD-026A (FC681446)
Cliff Electronic Components, Ltd.
76 Holmethorpe Avenue, Holmethorpe Ind. Est.
Redhill, Surrey RH1 2PF. England
Tel: +44 (0) 1737 771375
Fax: +44 (0) 1737 766012
Email: sales@cliffuk.co.uk
Visit us online at:
www .c liffuk.co.uk


Similar Part No. - SCD-026

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
SCD-026 CLIFF-SCD-026 Datasheet
454Kb / 2P
DC Power Connectors
SCD-026A CLIFF-SCD-026A Datasheet
454Kb / 2P
DC Power Connectors
More results

Similar Description - SCD-026

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
DC-DC Power Supplies
WE320 XPPOWER-WE320_06 Datasheet
84Kb / 2P
DC-DC Power Supplies
WF100 XPPOWER-WF100_13 Datasheet
297Kb / 2P
DC-DC Power Supplies
logo
List of Unclassifed Man...
KPJX-PM-4S ETC2-KPJX-PM-4S Datasheet
2Mb / 2P
DC POWER CONNECTORS
KPJX-PM-3S-S ETC2-KPJX-PM-3S-S Datasheet
510Kb / 1P
DC POWER CONNECTORS: KPJX-PM Series
KLDHCX-0202-B ETC2-KLDHCX-0202-B Datasheet
912Kb / 1P
DC POWER CONNECTORS KLDX Series
KPJX-CM-4S ETC2-KPJX-CM-4S Datasheet
2Mb / 3P
DC POWER CONNECTORS
KLDX-0201-BC ETC2-KLDX-0201-BC Datasheet
931Kb / 2P
DC POWER CONNECTORS: KLDX Series PCB Mount DC Power Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com