Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB332X Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB332X
Description  Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB332X Datasheet(HTML) 1 Page - SMSC Corporation

  USB332X Datasheet HTML 1Page - SMSC Corporation USB332X Datasheet HTML 2Page - SMSC Corporation USB332X Datasheet HTML 3Page - SMSC Corporation USB332X Datasheet HTML 4Page - SMSC Corporation USB332X Datasheet HTML 5Page - SMSC Corporation USB332X Datasheet HTML 6Page - SMSC Corporation USB332X Datasheet HTML 7Page - SMSC Corporation USB332X Datasheet HTML 8Page - SMSC Corporation USB332X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SMSC USB332x
PRODUCT PREVIEW
Revision 0.3 (02-04-08)
Data Brief
PRODUCT FEATURES
USB332x
Miniature Hi-Speed USB
Transceiver with 1.8V
ULPI Interface
Integrated ESD protection circuits
— Up to ±15kV IEC Air Discharge without external
devices
Over-Voltage Protection circuit (OVP) protects the
VBUS pin from continuous DC voltages up to 30V
Integrated USB Switch
— No degradation of Hi-Speed electrical
characteristics
— Allows single USB port of connection by
providing switching function for:
– Battery charging
– Stereo and mono/mic audio
– USB Full-Speed/Low-Speed data
flexPWRTM Technology
— Low current design ideal for battery powered
applications
— “Sleep” mode tri-states all ULPI pins and places
the part in a low current state
— 1.8V IO Voltage (±10%)
Integrated battery to 3.3V LDO regulator
— 2.2uF bypass capacitor
— 100mV dropout voltage
“Wrapper-less” design for optimal timing performance
and design ease
— Low Latency Hi-Speed Receiver (43 Hi-Speed
clocks Max) allows use of legacy UTMI Links with
a ULPI bridge
External Reference Clock operation
— 0 to 3.6V input drive tolerant
— Able to accept “noisy” clock sources as reference
to internal, low-jitter PLL
— Frequencies: 12, 13, 19.2, 24, 26, 27, 38.4, 52 or
60MHz
Smart detection circuits allow identification of USB
charger, headset, or data cable insertion
Includes full support for the optional On-The-Go
(OTG) protocol detailed in the On-The-Go
Supplement Revision 1.3 specification
Supports the OTG Host Negotiation Protocol (HNP)
and Session Request Protocol (SRP)
UART mode for non-USB serial data transfers
Internal 5V cable short-circuit protection of ID, DP
and DM lines to VBUS or ground
Industrial Operating Temperature -40
°C to +85°C
25 ball WLCSP lead-free RoHS compliant package;
(1.95 x 1.95 x 0.53mm height)
Applications
The USB332x is targeted for any application where a Hi-
Speed USB connection is desired and when board
space, power, and interface pins must be minimized.
The USB332x is well suited for:
Cell Phones
PDAs
MP3 Players
GPS Personal Navigation Devices
Datacards
Scanners
External Hard Drives
Digital Still and Video Cameras
Portable Media Players
Entertainment Devices
Printers
HDTVs
Set Top Boxes/DVR/PVR
Video Record/Playback Systems
IP and Video Phones
Gaming Consoles
POS Terminals


Similar Part No. - USB332X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3320 MICROCHIP-USB3320 Datasheet
1Mb / 70P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
01/27/15
logo
SMSC Corporation
USB3320C-EZK SMSC-USB3320C-EZK Datasheet
1Mb / 82P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
logo
Microchip Technology
USB3320C-EZK MICROCHIP-USB3320C-EZK Datasheet
1Mb / 70P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
01/27/15
USB3320C-EZK-TR MICROCHIP-USB3320C-EZK-TR Datasheet
1Mb / 82P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
Revision 1.0 (07-14-09)
logo
SMSC Corporation
USB3320C-EZK-TR SMSC-USB3320C-EZK-TR Datasheet
1Mb / 82P
Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
More results

Similar Description - USB332X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3311 SMSC-USB3311 Datasheet
433Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3315 SMSC-USB3315 Datasheet
215Kb / 8P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 24MHz Reference Clock
USB3316 SMSC-USB3316 Datasheet
641Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
USB3317 SMSC-USB3317 Datasheet
324Kb / 11P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
USB3318 SMSC-USB3318 Datasheet
215Kb / 8P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 13MHz Reference Clock
USB3319 SMSC-USB3319 Datasheet
328Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
logo
Microchip Technology
USB3322C-GL-TR MICROCHIP-USB3322C-GL-TR Datasheet
1Mb / 79P
Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
USB3329C-GL-TR MICROCHIP-USB3329C-GL-TR Datasheet
1Mb / 79P
Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
USB3317C-CP-TR MICROCHIP-USB3317C-CP-TR Datasheet
347Kb / 5P
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Revision 2.1 06-02-10
USB3316C-GJ-TR MICROCHIP-USB3316C-GJ-TR Datasheet
608Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
Revision 2.1 06-10-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com