Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3315 Datasheet(PDF) 4 Page - SMSC Corporation

Part # USB3315
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 24MHz Reference Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3315 Datasheet(HTML) 4 Page - SMSC Corporation

  USB3315 Datasheet HTML 1Page - SMSC Corporation USB3315 Datasheet HTML 2Page - SMSC Corporation USB3315 Datasheet HTML 3Page - SMSC Corporation USB3315 Datasheet HTML 4Page - SMSC Corporation USB3315 Datasheet HTML 5Page - SMSC Corporation USB3315 Datasheet HTML 6Page - SMSC Corporation USB3315 Datasheet HTML 7Page - SMSC Corporation USB3315 Datasheet HTML 8Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 24MHz Reference Clock
Revision 1.3 (11-02-07)
4
SMSC USB3315
PRODUCT PREVIEW
USB3315 Pin Locations and Descriptions
Package Diagram with Pin Locations
The pinout below is viewed from the top of the package.
Figure 2 USB3315 QFN Pinout - Top View
Pin Definitions
The following table details the pin definitions for the figure above.
Table 1 USB3315 Pin Description
PIN
NAME
DIRECTION/
TYPE
ACTIVE
LEVEL
DESCRIPTION
1
ID
Input,
Analog
N/A
ID pin of the USB cable. For non-OTG
applications this pin can be floated. For
an A-Device ID is grounded. For a B-
Device ID is floated.
2
VBUS
I/O,
Analog
N/A
VBUS pin of the USB cable. This pin is
used for the Vbus comparator inputs and
for Vbus pulsing during session request
protocol.
VBUS
ID
VDD3.3
DM
DP
NXT
DATA0
DATA2
DATA3
DATA1
VBAT
1
2
3
4
5
6
18
17
16
15
14
13
24Pin QFN
4x4mm
VDDIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com