Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3319 Datasheet(PDF) 4 Page - SMSC Corporation

Part # USB3319
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3319 Datasheet(HTML) 4 Page - SMSC Corporation

  USB3319 Datasheet HTML 1Page - SMSC Corporation USB3319 Datasheet HTML 2Page - SMSC Corporation USB3319 Datasheet HTML 3Page - SMSC Corporation USB3319 Datasheet HTML 4Page - SMSC Corporation USB3319 Datasheet HTML 5Page - SMSC Corporation USB3319 Datasheet HTML 6Page - SMSC Corporation USB3319 Datasheet HTML 7Page - SMSC Corporation USB3319 Datasheet HTML 8Page - SMSC Corporation USB3319 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
Revision 1.3 (11-02-07)
4
SMSC USB3319
PRODUCT PREVIEW
The USB3319 is designed to run with a 13MHz reference clock. By using a reference clock from the
Link the USB3319 is able to remove the cost of a crystal reference from the design.
The USB3319 includes a integrated 3.3V LDO regulator to generate its own supply from power applied
at the VBAT pin. The voltage on the VBAT pin can range from 3.1 to 5.5V. The regulator dropout
voltage is less than 100mV which allows the PHY to continue USB signaling when the voltage on
VBAT drops to 3.1V. The USB transceiver will continue to operate at lower voltages, although some
parameters may be outside the limits of the USB specifications. If the user would like to provide a 3.3V
supply to the USB3319, the VBAT and VDD3.3 pins should be connected together.
The USB3319 also includes integrated pull-up resistors that can be used for detecting the attachment
of a USB Charger. By sensing the attachment to a USB Charger, a product using the USB3319 can
charge its battery at more than the 500mA allowed when charging from a USB Host.
The USB3319 also includes support for USB audio modes. The user can program the PHY into UART
or audio mode while in synchronous mode.
In USB UART mode, the USB3319 DP and DM pins are redefined to enable pass-through of
asynchronous serial data. The USB3319 can only enter UART mode when the user programs the part
into this mode.
In USB audio mode, the DP pin is shorted to the SPKR_R/M pin with a switch. The DM pin is shorted
to the SPKR_L pin. These switches are on when the RESETB pin of the USB3319 is asserted. Audio
signals may be transferred over the USB cable. In addition to audio signals, the switches can also be
used to connect Full Speed USB from another PHY onto the USB cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com