Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C161 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C161
Description  1051 Resistance Decade Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C161 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C161 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
1051 Resistance Decade Box
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
11/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Description
A precision low ohm resistance box designed for general laboratory work including
platinum resistance thermometry. The 1051 is compact and durable, housed in a
robust metal case with removable protective rubber cover, making it ideal for use in
either the laboratory or field. Excellent accuracy is achieved by using high stability
metal film resistors. The 8-digit thumbwheel switch enables simple and precise
setting with a clear indication of the resistance value.
Switch Contacts: Special attention has been given to the reliability of operation.
A special multiple gold contact arrangement ensures low contact resistance and
continued operation even if a contact fails.
Clear Visual Indication: To make selecting and reading the setting easy the 1051
incorporates colour coded digits: kilohms - red, ohms - white, milliohms - yellow.
Safety Terminals: Compatible with 4 mm shrouded plugs, as well as standard
plugs, bare wires, and spade terminals.
Added Protection: The 1051 comes fitted with an ergonomic rubber cover
providing increased protection and durability. It has a textured grip for comfortable
handling and side openings to place labels. It is easy to remove if the user prefers
a stand-alone unit or to house the 1051 in the optional 9026 carry case.
Specifications
Range / Resolution...................................................................0 to 1 MΩ / 0.01 Ω steps.
Decade
0.01 Ω
0.1 Ω
1 Ω
10 Ω
100 Ω
1 kΩ
10 kΩ
100 kΩ
Accuracy
± 10 %
± 5 %
± 1 %
± 0.5 % ± 0.1 % ± 0.1 % ± 0.1 % ± 0.1 %
Max current
1 A
1 A
1 A
0.3 A
0.1 A
33 mA
10 mA
3 mA
Residual resistance.............................................................................. Less than 90 mΩ.
Power rating......................................................................................... 1 watt per resistor.
Voltage rating..........................................................Maximum 250 V DC, 176 V AC RMS.
Temperature coefficient ................................................................................. 50 ppm/ºC.
Dimensions / Weight ...................................................W 215 x H 100 x D120 mm / 1 kg.
Features
• 0.01 Ω to 1 MΩ
• High accuracy
• Simple operation with clear visual indication
• High stability
• Low temperature coefficient
• Safety terminals
• Removable protective cover
• Robust and durable for lab, workshop or field use
Common Applications
• Calibration of resistance in measuring devices
• Pt100 simulation for checking RTD transmitters
• Select-on-test resistance substitution in circuit design
• Educational understanding of Ohm’s Law
Ordering Information
1051.................................................Resistance Decade Box
9026..........................................................................Carry case
C161..........................Traceable calibration certificate (Factory)
C114....................Accredited calibration certificate (ISO 17025)


Similar Part No. - C161

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C161 INFINEON-C161 Datasheet
5Mb / 400P
16-Bit Single-Chip Microcontroller
1999-08 V 1.0
logo
Time Electronics Ltd.
C161 TIME-ELECTRONICS-C161 Datasheet
194Kb / 1P
1049 PT100 Simulator
v1c 22/3/11
C161 TIME-ELECTRONICS-C161 Datasheet
580Kb / 1P
1041 Resistance Decade Box
11/22
C161 TIME-ELECTRONICS-C161 Datasheet
330Kb / 1P
1061 Resistance Decade Box
10/22
C161 TIME-ELECTRONICS-C161 Datasheet
668Kb / 1P
1065 Power Resistance Decade Box
11/22
More results

Similar Description - C161

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com