Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C161 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C161
Description  1065 Power Resistance Decade Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C161 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C161 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
1065 Power Resistance Decade Box
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
11/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Description
A power resistance decade box designed to meet the standard for industrial use and
technical education purposes. Housed in a robust ventilated case, the 1065 can
withstand arduous use whilst maintaining accuracy and reliability. The slimline design
means it takes up minimum bench space and is easily transportable. The high
dissipation of 10 watts make the 1065 suitable for power electronics applications.
The 500 V maximum working voltage is ideal for select-on-test use in high voltage circuits.
Resistance is selected by dialling the value required using the 6 large rotary switches.
This enables precise setting with a clear unambiguous indication. Switch contact
resistance has been kept to a minimum by the use of multi-wafer switches, each with
four parallel, silver-plated, self-cleaning contacts.
The 1065 features safety terminals that are compatible with 4 mm shrouded plugs,
standard plugs, bare wires, and spade terminals. These terminals are specifically
designed with safety features including limited opening distance and a raised flange
around the metal connection surface. This ensures that the clearances are sufficient to
make the exposed metal parts touch-proof.
Specifications
Range / Resolution.............................................................. 0 to 120 kΩ / 0.1 Ω steps.
Number of Decades ...................................................................................................6.
Accuracy .................................................................................... 0.1 Ω decade, ± 5 %.
.......................................................................................1 Ω to 120 kΩ decades, ±1 %.
Residual Resistance......................................................................... Less than 20 mΩ.
Power Rating.........................................................................10 W total for any setting.
Voltage Rating................................................Maximum 500 V DC, 353.55 V AC RMS.
Temperature Coefficient .......................................................................... 200 ppm/°C.
Dimensions .........................................................................W 390 x H 80 x D 150 mm.
Weight.....................................................................................................................2 kg.
Ordering Information
1065..............................Power Resistance Decade Box
C161................. Traceable calibration certificate (Factory)
C114...........Accredited calibration certificate (ISO 17025)
Features
• 0.1 Ω to 120 kΩ
• 1 % accuracy
• 10 W total dissipation for any setting
• 500 V maximum working voltage
• In-line readout
• Mechanically and electrically robust
• Fully screened
• Safety terminals
• For resistance substitution in high voltage circuits
• Suitable for testing and checking meters


Similar Part No. - C161

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C161 INFINEON-C161 Datasheet
5Mb / 400P
16-Bit Single-Chip Microcontroller
1999-08 V 1.0
logo
Time Electronics Ltd.
C161 TIME-ELECTRONICS-C161 Datasheet
194Kb / 1P
1049 PT100 Simulator
v1c 22/3/11
C161 TIME-ELECTRONICS-C161 Datasheet
580Kb / 1P
1041 Resistance Decade Box
11/22
C161 TIME-ELECTRONICS-C161 Datasheet
545Kb / 1P
1051 Resistance Decade Box
11/22
C161 TIME-ELECTRONICS-C161 Datasheet
330Kb / 1P
1061 Resistance Decade Box
10/22
More results

Similar Description - C161

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com