Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLT3-4B Datasheet(PDF) 10 Page - STMicroelectronics

Part # CLT3-4B
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button CLT3-4B Datasheet HTML 5Page - STMicroelectronics CLT3-4B Datasheet HTML 6Page - STMicroelectronics CLT3-4B Datasheet HTML 7Page - STMicroelectronics CLT3-4B Datasheet HTML 8Page - STMicroelectronics CLT3-4B Datasheet HTML 9Page - STMicroelectronics CLT3-4B Datasheet HTML 10Page - STMicroelectronics CLT3-4B Datasheet HTML 11Page - STMicroelectronics CLT3-4B Datasheet HTML 12Page - STMicroelectronics CLT3-4B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application information
CLT3-4B
10/13
Depending on the input type operation the input resistance RI can be adjusted because of
the different on-state threshold VON MIN. So the surge voltage is also increased from the
minimum level of the type 3 to the type as shown in Table 6.
This combination allows the surge voltage to be applied from each input to other inputs, the
ground and the supply contacts in differential or common modes (see Figure 12).
Thanks to its high resistance RC = 4.7 kΩ, the supply pin VC withstands IEC 61000-4-5 with
±1000 V surge voltage (see Figure 12).
Finally, an external output capacitor may be placed in parallel with the opto-coupler diode to
filter the transient disturbances injected in the inputs of the module and secure the immunity
of the opto-coupler itself.
Figure 12.
Input pin IN and supply pin VC voltage surge test circuit
Table 6.
Setting the input resistor RI according to the input type operation
Type
VON MIN (V)
RI (kΩ)
VPP surge (kV)
115
2.2
2
3
11
1.2 to 1.8
1
R
I
IN
1
R
I
IN
2
R
I
R
C
V
C
COM
P
V
CC
GND
PE/FE
-4
I
V
PPI
V
PPI
5nF
V
PPS
1 kV with 2
V
PP
V
PPI
1 kV with 42
V
PPS
R
I
IN
1
R
I
IN
2
R
I
R
C
V
C
COM
P
V
CC
GND
PE/FE
CLT3
I
V
PPI
V
PPI
5nF
V
PPS = ±
Ω
V
PP
V
PP
V
PPI = ±
Ω
V
PPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com