Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M59MR032C Datasheet(PDF) 7 Page - STMicroelectronics

Part # M59MR032C
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M59MR032C Datasheet HTML 3Page - STMicroelectronics M59MR032C Datasheet HTML 4Page - STMicroelectronics M59MR032C Datasheet HTML 5Page - STMicroelectronics M59MR032C Datasheet HTML 6Page - STMicroelectronics M59MR032C Datasheet HTML 7Page - STMicroelectronics M59MR032C Datasheet HTML 8Page - STMicroelectronics M59MR032C Datasheet HTML 9Page - STMicroelectronics M59MR032C Datasheet HTML 10Page - STMicroelectronics M59MR032C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7/49
M59MR032C, M59MR032D
Table 6. Bank B, Bottom Boot Block Addresses
M59MR032D
#
Size
(KWord)
Address Range
47
32
1F8000h-1FFFFFh
46
32
1F0000h-1F7FFFh
45
32
1E8000h-1EFFFFh
44
32
1E0000h-1E7FFFh
43
32
1D8000h-1DFFFFh
42
32
1D0000h-1D7FFFh
41
32
1C8000h-1CFFFFh
40
32
1C0000h-1C7FFFh
39
32
1B8000h-1BFFFFh
38
32
1B0000h-1B7FFFh
37
32
1A8000h-1AFFFFh
36
32
1A0000h-1A7FFFh
35
32
198000h-19FFFFh
34
32
190000h-197FFFh
33
32
188000h-18FFFFh
32
32
180000h-187FFFh
31
32
178000h-17FFFFh
30
32
170000h-177FFFh
29
32
168000h-16FFFFh
28
32
160000h-167FFFh
27
32
158000h-15FFFFh
26
32
150000h-157FFFh
25
32
148000h-14FFFFh
24
32
140000h-147FFFh
23
32
138000h-13FFFFh
22
32
130000h-137FFFh
21
32
128000h-12FFFFh
20
32
120000h-127FFFh
19
32
118000h-11FFFFh
18
32
110000h-117FFFh
17
32
108000h-10FFFFh
16
32
100000h-107FFFh
15
32
0F8000h-0FFFFFh
14
32
0F0000h-0F7FFFh
13
32
0E8000h-0EFFFFh
12
32
0E0000h-0E7FFFh
Table 7. Bank A, Bottom Boot Block Addresses
M59MR032D
11
32
0D8000h-0DFFFFh
10
32
0D0000h-0D7FFFh
9
32
0C8000h-0CFFFFh
8
32
0C0000h-0C7FFFh
7
32
0B8000h-0BFFFFh
6
32
0B0000h-0B7FFFh
5
32
0A8000h-0AFFFFh
4
32
0A0000h-0A7FFFh
3
32
098000h-09FFFFh
2
32
090000h-097FFFh
1
32
088000h-08FFFFh
0
32
080000h-087FFFh
#
Size
(KWord)
Address Range
22
32
078000h-07FFFFh
21
32
070000h-077FFFh
20
32
068000h-06FFFFh
19
32
060000h-067FFFh
18
32
058000h-05FFFFh
17
32
050000h-057FFFh
16
32
048000h-04FFFFh
15
32
040000h-047FFFh
14
32
038000h-03FFFFh
13
32
030000h-037FFFh
12
32
028000h-02FFFFh
11
32
020000h-027FFFh
10
32
018000h-01FFFFh
9
32
010000h-017FFFh
8
32
008000h-00FFFFh
7
4
007000h-007FFFh
6
4
006000h-006FFFh
5
4
005000h-005FFFh
4
4
004000h-004FFFh
3
4
003000h-003FFFh
2
4
002000h-002FFFh
1
4
001000h-001FFFh
0
4
000000h-000FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com