Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M68AW064F Datasheet(PDF) 4 Page - STMicroelectronics

Part # M68AW064F
Description  1 Mbit 64K x16 3.0V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW064F Datasheet(HTML) 4 Page - STMicroelectronics

  M68AW064F Datasheet HTML 1Page - STMicroelectronics M68AW064F Datasheet HTML 2Page - STMicroelectronics M68AW064F Datasheet HTML 3Page - STMicroelectronics M68AW064F Datasheet HTML 4Page - STMicroelectronics M68AW064F Datasheet HTML 5Page - STMicroelectronics M68AW064F Datasheet HTML 6Page - STMicroelectronics M68AW064F Datasheet HTML 7Page - STMicroelectronics M68AW064F Datasheet HTML 8Page - STMicroelectronics M68AW064F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
M68AW064F
4/18
Figure 3. TFBGA Connections (Top view through package)
AI04874
A
6
5
4
3
2
1
E
B
F
A1
A0
G
LB
NC
DQ7
W
A12
NC
A11
A8
NC
DQ0
A3
A6
A5
A4
E
A10
A9
A13
A7
A2
NC
C
DQ4
D
DQ5
A14
A15
G
H
DQ11
NC
UB
DQ10
DQ12
DQ13
VSS
DQ15
DQ8
DQ9
DQ14
DQ3
DQ2
DQ1
VCC
VCC
NC
VSS
DQ6
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com