Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD41 Datasheet(PDF) 2 Page - LightGraphix

Part # LD41
Description  WALL LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD41 Datasheet(HTML) 2 Page - LightGraphix

  LD41 Datasheet HTML 1Page - LightGraphix LD41 Datasheet HTML 2Page - LightGraphix LD41 Datasheet HTML 3Page - LightGraphix LD41 Datasheet HTML 4Page - LightGraphix LD41 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LD41
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 5 | Data sheet issued: 8 April 2026
WHITE LED ENGINE SPECIFICATION
Engine
C1
Beam angles
12°, 31°, 48°, 12° x 36°
LED manufacturer
NICHIA
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Current
350mA
500mA
LED power (Max)**
1.2W
1.7W
Delivered lumens (L100)*
108
141
Lumens per circuit watt
90
83
Forward voltage (V100)
3V
3.2V
CRI (Typ)
93
Colour consistency
2 SCDM
Peak intensity
1145 cd
LED Lumens
157lm
LOR
0.91
TM30
RF93
RG99
UGR***
19.2
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on LD41-C1-500-LW30-NB
*Lumen output data applies to all colour temperatures
**
Indicates the nominal power for the LED run at that particular current and includes losses associated with using an 85% efficient driver
***UGR values based on room parameters of 4H 8H, C70 W50 F20
ENVIRONMENTAL
TM65
Available on request
TM66
2.7
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
RLE
(REPLACEABLE LIGHT ENGINE)
Visit page 4 for replacement parts
1
350mA
500mA
Ambient temperature
55°C
-20°C to 55°C
-20°C to 55°C
Glass
5mm thick borosilicate
Materials
Machine finish, solid 316 stainless steel
Weight of product
0.015kg
IP rating
IP68 - not for permanent submersion (use LD242A)
Wiring
In-series constant current wiring (pre-wired with 2 x single core cable at a length of 100mm)
MECHANICAL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com