Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M68Z128N Datasheet(PDF) 2 Page - STMicroelectronics

Part # M68Z128N
Description  5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z128N Datasheet(HTML) 2 Page - STMicroelectronics

  M68Z128N Datasheet HTML 1Page - STMicroelectronics M68Z128N Datasheet HTML 2Page - STMicroelectronics M68Z128N Datasheet HTML 3Page - STMicroelectronics M68Z128N Datasheet HTML 4Page - STMicroelectronics M68Z128N Datasheet HTML 5Page - STMicroelectronics M68Z128N Datasheet HTML 6Page - STMicroelectronics M68Z128N Datasheet HTML 7Page - STMicroelectronics M68Z128N Datasheet HTML 8Page - STMicroelectronics M68Z128N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M68Z128
2/12
Figure 2. TSOP Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
E2
A11
G
E1
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
A15
W
A16
A12
NC
VCC
A14
AI00657
M68Z128
8
1
9
16
17
24
25
32
VSS
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Up to a maximum operating VCC of 5.5V only.
3. One output at a time, not to exceed 1 second duration.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltage
–0.3 to VCC + 0.3
V
VCC
Supply Voltage
–0.3 to 7.0
V
IO
(3)
Output Current
20
mA
PD
Power Dissipation
1
W
This device has an automatic power-down feature,
reducing the power consumption by over 99%
when deselected.
The M68Z128 is available in TSOP32 (8 x 20mm)
package.
READ MODE
The M68Z128 is in the Read mode whenever
Write Enable (W) is High with Output Enable (G)
Low, and both Chip Enables (E1 and E2) are as-
serted. This provides access to data from eight of
the 1,048,576 locations in the static memory array,
specified by the 17 address inputs. Valid data will
be available at the eight output pins within tAVQV
after the last stable address, providing G is Low,
E1 is Low and E2 is High. If Chip Enable or Output
Enable access times are not met, data access will
be measured from the limiting parameter (tE1LQV,
tE2HQV, or tGLQV) rather than the address. Data out
may be indeterminate at tE1LQX, tE2HQX and tGLQX,
but data lines will always be valid at tAVQV.
WRITE MODE
The M68Z128 is in the Write mode whenever the
W and E1 pins are Low, with E2 High. Either the
Chip Enable inputs (E1 and E2) or the Write En-
able input (W) must be de-asserted during Ad-
dress transitions for subsequent write cycles.
Write begins with the concurrence of both Chip
Enables being active with W low. Therefore, ad-
dress setup time is referenced to Write Enable and
both Chip Enables as tAVWL, tAVE1L and tAVE2H re-
spectively, and is determined by the latter occur-
ring edge.
The Write cycle can be terminated by the earlier
rising edge of E1, W, or the falling edge of E2.
If the Output is enabled (E1 = Low, E2 = High and
G = Low), then W will return the outputs to high im-
pedance within tWLQZ of its falling edge. Care must
be taken to avoid bus contention in this type of op-
eration. Data input must be valid for tDVWH before
the rising edge of Write Enable, or for tDVE1H be-
fore the rising edge of E1 or for tDVE2L before the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com