Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M74HC154 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC154
Description  4 TO 16 LINE DECODER/DEMULTIPLEXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC154 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC154 Datasheet HTML 1Page - STMicroelectronics M74HC154 Datasheet HTML 2Page - STMicroelectronics M74HC154 Datasheet HTML 3Page - STMicroelectronics M74HC154 Datasheet HTML 4Page - STMicroelectronics M74HC154 Datasheet HTML 5Page - STMicroelectronics M74HC154 Datasheet HTML 6Page - STMicroelectronics M74HC154 Datasheet HTML 7Page - STMicroelectronics M74HC154 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
M74HC154
October 1993
4 TO 16 LINE DECODER/DEMULTIPLEXER
B1R
(Plastic Package)
ORDER CODES :
M74HC154B1R
M74HC154M1R
M1R
(Micro Package)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
.
tPD = 15 ns (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS154
The 74HC154 is a high speed CMOS 4 TO 16-LINE
DECODER/DEMULTIPLEXER fabricated in silicon
gate C
2MOS technology. It has the same high speed
performance of LSTTL combined with true CMOS low
power consumption.
A binary code applied to the four inputs (A to D) pro-
vides a low level at the selected one of sixteen outputs
excluding the other fifteen outputs, when both the
strobe inputs, G1 and G2, are held low. When either
strobe input is held high, the decording function is in-
hibited to keep all outputs high. The strobe function
makes it easy to expand the decoding lines through
cascading, and simplifies the design of address de-
coding circuits in memory control systems.
All inputs are equipped with protection circuits against
static discharge and transient excess voltage.
1/8


Similar Part No. - M74HC154

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151 Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
M74HC151 STMICROELECTRONICS-M74HC151 Datasheet
338Kb / 12P
8 CHANNEL MULTIPLEXER
Jul-2001
M74HC151B1R STMICROELECTRONICS-M74HC151B1R Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
M74HC151B1R STMICROELECTRONICS-M74HC151B1R Datasheet
338Kb / 12P
8 CHANNEL MULTIPLEXER
Jul-2001
M74HC151C1R STMICROELECTRONICS-M74HC151C1R Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
More results

Similar Description - M74HC154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
4-to-16 line decoder/demultiplexer
September 1993
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
4-to-16 line decoder/demultiplexer
2004 Oct 12
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC154D NXP-74HC154D Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com