Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT7A01 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT7A01
Description  a range of cost competitive VCXOs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT7A01 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT7A01 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Start up time
5ms typical, 10ms max
Input resistance
50K
Ω min
Dimensions
PACK ONE
PACK TWO
3.3VDC ±5%
5.0VDC±5%
Linearity
The ACT7A01 family is a range of cost competitive VCXOs housed in both 14 pin DIL & 8 pin
DIL through hole packages. They offer good reliability at a low cost across a wide range of
frequencies. Applications include Communications, Instrumentation & Consumer applications
and many more. In addition to standard specifications it is also possible to supply some
"custom" specifications ( Please enquire )
Tr/Tf
Output Load (max)
Pulling capability
Slope polarity
N/CL
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT7A01 - VCXO (HCMOS/TTL)
Per year
Please specify
20mA max
Fa
±3ppm
3.3VDC ±5% or 5.0VDC±5%
±3ppm
±5ppm max
±25ppm
fo
Topr
Tstg
Specification
Frequency Range
Parameter
Symbol
Frequency Stability
vs Vcc change ±10%
Condition
-55 ~ 85°C
Please specify
Specification
1.00 ~ 32.0 MHz
-0° ~ +70°C
vs Load change ±10%
Temp Operating Range
Storage Temp Range
Aging
Supply Voltage
Supply Current
Δfc
Idd
Vdd
Duty Cycle
Rise & Fall Time
Frequency Adjustment
Tw/t
http://www.actcrystals.com
±50 ppm min ~ ±150ppm
Positive or negative
40/60%
5nS Typical
±3ppm min
5 TTL, 10 LSTTL ,15pf
Please specify
Frequency dependent
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
ISO9001:2000 Registered
For quotations or further information please contact us at:
Output waveform
HCMOS / TTL
Please note that all parameters can not necessarily be specified in the same devi
1.65VDC ± 1.5V
2.5VDC ± 2.0V
10% max
Voltage Control
Vc
Issue: 2 C1z
Date: 03/04/07
1 of 1


Similar Part No. - ACT7A01

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
logo
Aeroflex Circuit Techno...
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
ACT 7000SC 64-Bit Superscaler Microprocessor
ACT7005 AEROFLEX-ACT7005 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
ACT7006 AEROFLEX-ACT7006 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
logo
Concordia Technologies ...
ACT710X9.0 CONCORDIATECHNOLOGIES-ACT710X9.0 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
More results

Similar Description - ACT7A01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K1536BLC ETC-K1536BLC Datasheet
22Kb / 1P
LOW COST SURFACE MOUNT VCXOS
logo
Sharp Corporation
GP1FAV50TK0F SHARP-GP1FAV50TK0F Datasheet
23Kb / 1P
Cost competitive, Popular type Optical Fiber Transmitter
logo
Advanced Crystal Techno...
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
a range of cost competitive VCXOs
08/11/04
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
ACT533SMX-2 ACT-ACT533SMX-2 Datasheet
145Kb / 2P
high quality, cost competitive ceramic
05-10-05
logo
ECS, Inc.
ECS-VXO-73 ECS-ECS-VXO-73 Datasheet
234Kb / 1P
SMD VCXOS
logo
Advanced Crystal Techno...
ACT533SMX-2 ACT-ACT533SMX-2_12 Datasheet
126Kb / 3P
high quality, cost competitive ceramic
31-5-2012
ACT845SMX-2 ACT-ACT845SMX-2_10 Datasheet
345Kb / 3P
2 pad, cost competitive ceramic packaged, glass sealed crystal.
14/12/2010
logo
Taiwan Semiconductor Co...
TS19751 TSC-TS19751 Datasheet
251Kb / 7P
Competitive bill of material design
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com