Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT26SMX Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT26SMX
Description  a miniature cylindrical SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT26SMX Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT26SMX Datasheet HTML 1Page - Advanced Crystal Technology ACT26SMX Datasheet HTML 2Page - Advanced Crystal Technology ACT26SMX Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Issue : 1 C1b
Date : 04/07/2006
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Tolerance, Operating Temperature Range & Load Capacitance
Condition
150KHz ~ 200KHz, supplied
as ±200ppm only
@ 25°C
Please specify
500M
Ω Min
12.5pF (Others available.)
1.4pF typical ( >100KHz, 1.0pf Typical )
3.0fF (Typical)
Fa
Q
±5ppm
450 typical
1.0
μ W max
60,000 typical ( 50,000 ~ 80,000, see popular frequencies below )
@ 25°C ±3°C
See Table
30.00 ~ 200KHz
±20ppm ~ 200ppm
25°C ±5°C
-0.034 ± 0.006ppm / °C² max
See attached notes
-10 ~ +60°C
-20 ~ +70°C
Tstg
ESR
C0
γ
CL
C1
Q Factor
Insulation Resistance
Aging
fo
Δf/fo
Tm
β
DL
IR
Topr
Load Capacitance
Motional Capacitance
Drive Level
Capacitance Ratio
Temp Operating Range
Temp Storage Range
Equivalent Series Resistance
Shunt Capacitance
Frequency Range
Frequency Tolerance @25°C
Turnover Temperature
Freq. Temp. coefficient
ACT26SMX
Specification
Specification
Symbol
Parameter
The ACT26SMX is a miniature cylindrical SMD package offering high vibration and shock
resistance together with high stability. It is most suitable for portable equipment and close
packing density. The series offers a wide, low frequency range and is popular for use in
Microprocessor, Consumer and Instrumentation applications
Popular Frequencies and Parameters
Notes:
(Operating Temperature -10 ~ + 60 C )
Centre Freq.
Tolerance at 25 C
ESR
C0
C1
Q Value
30.000KHZ
±3OPPM
40KΩ
1.4±0.2PF
3.0PF
50000
32.000KHZ
±3OPPM
40KΩ
1.4±0.2PF
3.0PF
50000
32.768KHZ
38.4KHZ
±2OPPM
35KΩ
1.4±0.2PF
3.0PF
60000
65.536KHZ
±2OPPM
35KΩ
1.4±0.2PF
3.0PF
80000
77.5KHZ
±2OPPM
35KΩ
1.4±0.2PF
3.0PF
80000
75.000KHZ
±2OPPM
35KΩ
1.4±0.2PF
3.0PF
80000
ESR v Frequency
76.8KHZ
±2OPPM
35KΩ
1.4±0.2PF
3.0PF
80000
Frequency kHz
100.000KHZ
±5OPPM Min.
35KΩ
1.4±0.2PF
3.0PF
80000
30.00 ~ 32.768
120.000KHZ
±10OPPM Min.
35KΩ
1.0±0.2PF
3.0PF
80000
32.768 ~ 40.00
153.600KHZ
±10OPPM Min.
35KΩ
1.0±0.2PF
3.0PF
80000
40.00 ~ 80.00
192.000KHZ
±20OPPM Min.
35KΩ
1.0±0.2PF
3.0PF
80000
80.00 ~ 150.00
200.000KHZ
±2O0PPM Min.
35KΩ
1.0±0.2PF
3.0PF
80000
150.00 ~ 200.00
Please refer to ACT2x6HRSMX Data
4, Low er tolerances than show n in the above table for
frequencies more than 100KHz are not available.
1, Low er tolerance (+/-10ppm) for frequencies less than
76.8KHz is available, Please enquire.
2, Frequencies less than 100KHz apart from above
popular ones w ill require longer lead times
35
35
3, For frequency of equal or more than 100KHz, only the
above 5 popular points frequencies+/-2kHz are normally
available.
ESR K
Ω max
40
35
35
1 of 3


Similar Part No. - ACT26SMX

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT26 ACT-ACT26 Datasheet
56Kb / 2P
a miniature cylindrical
03/08/04
More results

Similar Description - ACT26SMX

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT26 ACT-ACT26 Datasheet
56Kb / 2P
a miniature cylindrical
03/08/04
ACT38 ACT-ACT38 Datasheet
43Kb / 2P
a miniature cylindrical
07/09/04
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
miniature surface mount Watch Crystal in a cylindrical
23/03/07
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
logo
Amphenol Corporation
12-070 AMPHENOL-12-070 Datasheet
1Mb / 80P
Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
Amphenol Miniature Cylindrical Connectors
PT-SERIES AMPHENOL-PT-SERIES Datasheet
5Mb / 52P
Miniature Cylindrical Connectors
12-070-20
12_070-180554 AMPHENOL-12_070-180554 Datasheet
1Mb / 81P
Miniature Cylindrical Connectors
PT AMPHENOL-PT Datasheet
5Mb / 52P
Miniature Cylindrical Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com