Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS102 Datasheet(PDF) 17 Page - Bridgelux, Inc.

Part # DS102
Description  Gen 7 V18 Array Series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS102 Datasheet(HTML) 17 Page - Bridgelux, Inc.

Back Button DS102 Datasheet HTML 13Page - Bridgelux, Inc. DS102 Datasheet HTML 14Page - Bridgelux, Inc. DS102 Datasheet HTML 15Page - Bridgelux, Inc. DS102 Datasheet HTML 16Page - Bridgelux, Inc. DS102 Datasheet HTML 17Page - Bridgelux, Inc. DS102 Datasheet HTML 18Page - Bridgelux, Inc. DS102 Datasheet HTML 19Page - Bridgelux, Inc. DS102 Datasheet HTML 20Page - Bridgelux, Inc. DS102 Datasheet HTML 21Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
15
Electrical Characteristics
Table 6: Electrical Characteristics
Part Number
Drive Current
(mA)
Forward Voltage
Pulsed, T
c = 25ºC (V)
1, 2, 3, 8
Typical
Coefficient
of Forward
Voltage4
∆V
f/∆Tc
(mV/ºC)
Typical
Thermal
Resistance
Junction
to Case5,6
R
j-c (ºC/W)
Driver Selection
Voltages7
(V)
Minimum
Typical
Maximum
V
f Min.
Hot
T
c = 105ºC
(V)
V
f Max.
Cold
T
c = -40ºC
(V)
BXRE-xxx400x-B-7x
900
32.2
34.8
37.5
-14.5
0.15
31.1
38.4
1800
34.7
37.5
40.3
-14.5
0.18
33.5
41.2
BXRE-xxx400x-C-7x
1170
32.2
34.8
37.5
-14.5
0.11
31.1
38.4
2340
34.6
37.5
40.3
-14.5
0.13
33.5
41.2
Notes for Table 6:
1. Parts are tested in pulsed conditions, T
c = 25°C. Pulse width is 10ms.
2. Voltage minimum and maximum are provided for reference only and are not a guarantee of performance.
3. Bridgelux maintains a tester tolerance of ± 0.10V on forward voltage measurements.
4. Typical coefficient of forward voltage tolerance is ± 0.1mV for nominal current.
5. Thermal resistance values are based from test data of a 3000K 80 CRI product.
6. Thermal resistance value was calculated using total electrical input power; optical power was not subtracted from input power. The thermal interface
material used during testing is not included in the thermal resistance value.
7. V
f min hot and max cold values are provided as reference only and are not guaranteed by test. These values are provided to aid in driver design and
selection over the operating range of the product.
8. This product has been designed and manufactured per IEC 62031:2018. This product has passed dielectric withstand voltage testing at 1160 V. The work-
ing voltage designated for the insulation is 80V d.c. The maximum allowable voltage across the array must be determined in the end product application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com