Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACTF446B Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF446B
Description  Mobile Radio Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF446B Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF446B Datasheet HTML 1Page - Advanced Crystal Technology ACTF446B Datasheet HTML 2Page - Advanced Crystal Technology ACTF446B Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
This specification covers the characteristics of the ACTF446B/446.0/F11
SAW Filter. The filter is designed for use in Mobile Radio Applications
( Walkie Talkie – FRS/PMR ) ( Centre Frequency : 4469.0MHz )
1. Package Dimension (F-11)
2.
3. Test Circuit
Pin
Configuration
1
Input / Output
4
Output / Input
2/3
Case Ground
Dimensions
Data (unit: mm)
A
11.0±0.3
B
4.5±0.3
C
3.2±0.3
D
0.45±0.1
E
5.0±0.5
F
2.54±0.2
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF446B

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF446A ACT-ACTF446A Datasheet
94Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF446A ACT-ACTF446A Datasheet
164Kb / 3P
SAW Filter
March 2010
ACTF446A/446.0/F11 ACT-ACTF446A/446.0/F11 Datasheet
94Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF446A/446.0/F11 ACT-ACTF446A/446.0/F11 Datasheet
164Kb / 3P
SAW Filter
March 2010
ACTF446A ACT-ACTF446A_10 Datasheet
164Kb / 3P
SAW Filter
March 2010
More results

Similar Description - ACTF446B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC11372 NSC-SC11372 Datasheet
1Mb / 28P
MOBILE RADIO ANALOG PROCESSOR
logo
STMicroelectronics
STLC4370 STMICROELECTRONICS-STLC4370 Datasheet
105Kb / 5P
Single Chip 802.11b/g WLAN Radio for Mobile Applications
13-Jan-2006
logo
Advanced Crystal Techno...
ACTF450A ACT-ACTF450A Datasheet
86Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF446A ACT-ACTF446A Datasheet
94Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF426A ACT-ACTF426A Datasheet
94Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF410B ACT-ACTF410B Datasheet
96Kb / 3P
FRS & PMR mobile radio applications
SEPT 04
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
Mobile Radio - FRS & PMR
SEPT 04
logo
RFHIC
RFC042 RFHIC-RFC042 Datasheet
383Kb / 5P
Mobile Radio Mini Amplifier
RFC042 RFHIC-RFC042_14 Datasheet
358Kb / 6P
Mobile Radio Mini Amplifier
RFC042 RFHIC-RFC042_17 Datasheet
1Mb / 6P
Mobile Radio Mini Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com