Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT1100HS Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT1100HS
Description  Clock Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT1100HS Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT1100HS Datasheet HTML 1Page - Advanced Crystal Technology ACT1100HS Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACT1100HS / ACT1700HS HCMOS/TTL Clock Oscillators
Parameter
Symbol
20kHz~80kHz & 250kHz~160MHz
Frequency Stability
Δf/fo
±10ppm, ±25ppm, ±50ppm and ±100ppm
Temp Operating Range
Topr
-0 ~ +70°C to -40 ~ +85 °C
Temp Storage Range
Tstg
-50~100°C
Supply Voltage
VDD
3.3Vdc ±10%,
5.0Vdc ±10%
Supply Current
Iop
15mA max
25mA max
16.5mA max
35mA max
35mA max
40 mA max
50mA max
50mA max
40/60% TTL
40/60% HCMOS
Output Level ‘0’
VOL
TTL 0.4V max, HCMOS VDD X 0.1 max
Output Level ‘1’
VOH
TTL 2.4V min, HCMOS V DD-(VDD X 0.1) min
Output Logic
TTL / HCMOS
Output Load
TTL 2 ~ 10 Gates
CMOS 15 or 50pF
Measured between 0.4V ~ 2.4V (RL = 390
Ω ; CL = 15pF)
Measured between 10%~ 90% VDD (CL = 15pF)
Start-up Time
10mSec max, 5ms typical
Output is low impedance when >0.8V
is applied to pin 1.
Disable time is 150nSec max
Aging
±5ppm / year max
Period Jitter (Absolute)
25~43pS
Dependent on frequency
ACT1100HS Part Number
Prefix 'HS'
ACT1700HS Part Number
Prefix 'HL'
Issue 5 M6
ISO9001:2000 Registered
For quotations or further information please contact us a
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, U
http://www.actcrystals.com
Date: 3/4/6
20kHz - 32MHz
Fax :
0044 (0)118 979 1283
Rise & Fall Time
tr/tf
Option on Pin 1
Frequency Range
fo
Duty Cycle
TW/t
Please specify
125MHz - 160MHz
@25°C
Tel :
0044 (0)118 979 1238
email :
info@actcrystals.com
Condition
Specification
Please specify
Please specify
Please specify
The ACT1100HS/ACT1700HS series are popular full/half size DIL oscillators that allow for
stabilities of ±10ppm, frequencies <500kHz & >125MHz.These devices offer a good cost ratio
performance for many consumer applications.
For stabilities >±10ppm and frequencies 500kHz~125MHz please refer to the standard
ACT1100 & ACT1700 series.
Specification
TTL
10nSec max, 3nSec typical
32MHz - 50MHz
50MHz - 125MHz
Please specify
Measured at +1.4Volts
Measured at 50% VDD
Please specify
CMOS 10nSec max, 3nSec typical
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Stability, Operating Temperature Range, Supply Voltage, Duty Cycle, Output Enable (Tristate) If required
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Plating Material on leads
98-99%Sn
1 of 2


Similar Part No. - ACT1100HS

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT1100 ACT-ACT1100 Datasheet
220Kb / 3P
Standard Clock Oscillators
23/3/6
logo
Texas Instruments
ACT11008 TI-ACT11008 Datasheet
77Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results

Similar Description - ACT1100HS

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
320 OSCILENT-320 Datasheet
143Kb / 3P
Clock Oscillators
330 OSCILENT-330 Datasheet
140Kb / 3P
Clock Oscillators
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1_18 Datasheet
64Kb / 1P
Clock Oscillators
KC2520M KSS-KC2520M_18 Datasheet
63Kb / 1P
Clock Oscillators
KC3225A-C3 KSS-KC3225A-C3_18 Datasheet
63Kb / 1P
Clock Oscillators
KC5032L-H2 KSS-KC5032L-H2 Datasheet
82Kb / 1P
Clock Oscillators
KC5032P-L2 KSS-KC5032P-L2_18 Datasheet
66Kb / 1P
Clock Oscillators
KC5032P-P2 KSS-KC5032P-P2_18 Datasheet
64Kb / 1P
Clock Oscillators
KC7050A-C3 KSS-KC7050A-C3_18 Datasheet
65Kb / 1P
Clock Oscillators
KC7050R-P3 KSS-KC7050R-P3_18 Datasheet
63Kb / 1P
Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com