Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP16DP05XTTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP16DP05XTTR
Description  Low voltage 16-bit constant current LED sink driver with outputs error detection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DP05XTTR Datasheet(HTML) 5 Page - STMicroelectronics

  STP16DP05XTTR Datasheet HTML 1Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 2Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 3Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 4Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 5Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 6Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 7Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 8Page - STMicroelectronics STP16DP05XTTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
STP16DP05
Electrical ratings
5/29
2.3
Recommended operating conditions
Table 6.
Recommended operating conditions
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDD
Supply voltage
3.0
5.5
V
VO
Output voltage
20
V
IO
Output current
OUTn
5
100
mA
IOH
Output current
SERIAL-OUT
+1
mA
IOL
Output current
SERIAL-OUT
-1
mA
VIH
Input voltage
0.7VDD
VDD+0.3
V
VIL
Input voltage
-0.3
0.3VDD
V
twLAT
LE\DM1 pulse width
VDD = 3.0 V to 5.0 V
20
ns
twCLK
CLK pulse width
20
ns
twEN
OE\DM2 pulse width
200
ns
tSETUP(D) Setup time for DATA
20
ns
tHOLD(D) Hold time for DATA
15
ns
tSETUP(L) Setup time for LATCH
15
ns
fCLK
Clock frequency
Cascade operation (1)
1.
If the device is connected in cascade, it may not be possible achieve the maximum data transfer.
Please consider the timings carefully.
30
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com