Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT9300 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT9300
Description  miniature low profile Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9300 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT9300 Datasheet HTML 1Page - Advanced Crystal Technology ACT9300 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REFLOW CONDITIONS
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue 5 H2
http://www.actcrystals.com
Date 29/07/06
13.5
2.5
ACT9300 TAPE DIMENSIONS (mm)
ACT9300 REEL DIMENSIONS (mm) 1000 Piece Reels
GH
21.6
60.0 178.0 13.5
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
IK
M
JL
5.5
12.0
1.5
EF
1.5
4.0
8.0
A
BCD
ISO9001: 2000 Registered
1.6
B
F
C
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com