Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT9353 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9353
Description  miniature low profile Clock Oscillator,
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9353 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9353 Datasheet HTML 1Page - Advanced Crystal Technology ACT9353 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
Please specify
Please specify
Please specify
Supply Voltage
VDD
Please specify
Please specify
Supply Current (max)1-12.9999MHz
IDD
Supply Current (max)13-34.999MHz
IDD
Supply Current (max)35-50MHz
IDD
Rise & Fall Time (max)
Tr/Tf
Enable output
Enable output
Disable output : High Impedance
±5 ppm p/yr. max @25°C
Reflow Profile
10 secs
@
260°C Max
fO MHz
Jitter Parameter
Typical(pS)
Max(pS)
Phase 12kHz~20MHz
810
1 ~12.999
Period (rms)
10
15
Period (pk-pk)
56
70
Phase 12kHz~20MHz
57
13 ~ 34.999
Period (rms)
710
Period (pk-pk)
45
60
Phase 12kHz~20MHz
57
35 ~ 50.000
Period (rms)
68
Period (pk-pk)
35
50
APPLICATIONS -Microprocessor clock
-Audio
-PDA/Notebook
-Ethernet
-Wireless applications
-Fibre channel
-Instrumentation
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 3 SK
http://www.actcrystals.com
Date 29/10/07
5.0VDC±10%
Output Load
Start-up Time
10mA
10% VDD max (HCMOS)
10nS max
25mA
30mA
20mA
15mA
Aging
Tosc
10mS max
VOL
7mA
8mA
15mA
Fa
Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Stability, Operating Temperature Range, Voltage, Duty Cycle
Jitter
ACT9353
Specification
Specification
Parameter
The ACT9353 is a miniature low profile Clock Oscillator, housed in a ceramic leadless chip
carrier with a SMD seam welded metal lid for high reliability and long term stability. The metal lid
is grounded via the package to assist with EMI emission control. This 5x3.2mm packaged
device is available in 1.8 ~ 5.0 volt supply voltages and with stabilities from ±20ppm to ±100ppm
It is suitable for a wide range of applications. Taped and reeled packaging and loose quantities
are available for purchase, to suit high and low volume requirements. The pads are gold plated
on all surfaces to allow a variety of assembly processes, including reflow and wire bonding
Symbol
Please refer to table below
No Connection
VIH : ≥0.7 VDD
VIL : ≤0.3 VDD
( ±3ppm Available to "custom" order )
( See page 2 for full profile )
10TTL Load or 15pF HCMOS Load ( Std )
90% VDD min (HCMOS)
0 ~ +70°C & -40 ~ +85°C
±20, ±25, ±50 or ±100ppm
-55 to +125°C
40/60% Std, ( Option 45/55% )
10mA
Frequency Range
f0
1.000 to 50.000MHz
3.3VDC ±10%
1.8V, 2.5V, 3.3V & 5.0V
( Inclusive of Operating Temperature,range,Supply Voltage & Load )
Storage Temperature Range
Output Level ‘0’
Operating Temperature Range
( At 50% of Waveform w/HCMOS Load or 1.4DC w/TTL Load )
5mA
7mA
7mA
Topr
1.8VDC±10%
2.5VDC±10%
Frequency Stability
Δf/f
0
Duty Cycle
Tw/t
Tstg
Output Level ‘1’
Tri-state Input Voltage
N/CL
VOH
ISO9001: 2000 Registered
Pad finish: Au
1of 2


Similar Part No. - ACT9353

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
miniature low profile Surface Mount
29/07/2006
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
miniature, low profile SMD
26/10/05
ACT9301 ACT-ACT9301 Datasheet
256Kb / 3P
miniature SMD clock oscillator
25/08/2005
ACT9325 ACT-ACT9325 Datasheet
760Kb / 3P
miniature low profile Surface Mount package clock oscillator,
29/10/07
More results

Similar Description - ACT9353

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-32F KSS-FXO-32F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-37F KSS-FXO-37F Datasheet
82Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9301 ACT-ACT9301 Datasheet
256Kb / 3P
miniature SMD clock oscillator
25/08/2005
ACT9325 ACT-ACT9325 Datasheet
760Kb / 3P
miniature low profile Surface Mount package clock oscillator,
29/10/07
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1 Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1E MICROCRYSTAL-MCSO1E Datasheet
72Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1H MICROCRYSTAL-MCSO1H Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1V MICROCRYSTAL-MCSO1V Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1EL MICROCRYSTAL-MCSO1EL Datasheet
76Kb / 2P
Miniature SMD Clock-Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com