Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1130 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS1130 Datasheet HTML 15Page - ams-OSRAM AG AS1130 Datasheet HTML 16Page - ams-OSRAM AG AS1130 Datasheet HTML 17Page - ams-OSRAM AG AS1130 Datasheet HTML 18Page - ams-OSRAM AG AS1130 Datasheet HTML 19Page - ams-OSRAM AG AS1130 Datasheet HTML 20Page - ams-OSRAM AG AS1130 Datasheet HTML 21Page - ams-OSRAM AG AS1130 Datasheet HTML 22Page - ams-OSRAM AG AS1130 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
Page 18
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Detailed Description
• Acknowledge: Each receiving device, when addressed, is
obliged to generate an acknowledge after the reception
of each byte. The master device must generate an extra
clock pulse that is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line
during the acknowledge clock pulse in such a way that the
SDA line is stable LOW during the HIGH period of the
acknowledge clock pulse. Of course, setup and hold times
must be taken into account. A master must signal an end
of data to the slave by not generating an acknowledge bit
on the last byte that has been clocked out of the slave. In
this case, the slave must leave the data line HIGH to enable
the master to generate the STOP condition.
• Figure 24 details how data transfer is accomplished on the
I²C bus. Depending upon the state of the R/W bit, two
types of data transfer are possible:
• Master Transmitter to Slave Receiver. The first byte
transmitted by the master is the slave address,
followed by a number of data bytes. The slave returns
an acknowledge bit after the slave address and each
received byte.
• Slave Transmitter to Master Receiver. The first byte,
the slave address, is transmitted by the master. The
slave then returns an acknowledge bit. Next, a
number of data bytes are transmitted by the slave to
the master. The master returns an acknowledge bit
after all received bytes other than the last byte. At the
end of the last received byte, a not-acknowledge is
returned. The master device generates all of the serial
clock pulses and the START and STOP conditions. A
transfer is ended with a STOP condition or a repeated
START condition. Since a repeated START condition is
also the beginning of the next serial transfer, the bus
will not be released.
The AS1130 can operate in the following slave modes:
• Slave Receiver Mode. Serial data and clock are received
through SDA and SCL. After each byte is received, an
acknowledge bit is transmitted. START and STOP
conditions are recognized as the beginning and end of a
serial transfer. Address recognition is performed by
hardware after reception of the slave address and
direction bit.
• Slave Transmitter Mode. The first byte (the slave
address) is received and handled as in the slave receiver
mode. However, in this mode the direction bit will indicate
that the transfer direction is reversed. Serial data is
transmitted on SDA by the AS1130 while the serial clock
is input on SCL. START and STOP conditions are recognized
as the beginning and end of a serial transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com