Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3722 Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 30Page - ams-OSRAM AG AS3722 Datasheet HTML 31Page - ams-OSRAM AG AS3722 Datasheet HTML 32Page - ams-OSRAM AG AS3722 Datasheet HTML 33Page - ams-OSRAM AG AS3722 Datasheet HTML 34Page - ams-OSRAM AG AS3722 Datasheet HTML 35Page - ams-OSRAM AG AS3722 Datasheet HTML 36Page - ams-OSRAM AG AS3722 Datasheet HTML 37Page - ams-OSRAM AG AS3722 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 199 page
background image
ams Datasheet
Page 33
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Detailed Descriptions- Power Management Functions
Figure 27:
SD0 DC/DC Buck Controller 24A Block Diagram
SD0 DC/DC Buck Controller: Shows basic connection of the SD0 controller to three external power stages
(AS3729B) for 24A output current.
FB_SDx
Vout (0.4-1.5V@24A)
DVM, 10mV steps
SD
controller
TEMP 1_SDx
CTRL1_SDx
CTRL2_SDx
FB_SDx
TEMP 2_SDx
CTRL3_SDx
CTRL4_SDx
TEMP 3_SDx
CTRL5_SDx
CTRL6_SDx
TEMP 4_SDx
CTRL7_SDx
CTRL8_SDx
TEMP
CTRL1
CTRL2
LX2
LX1
0.47uH
0.47uH
47uF
AS3729B
VSUP
10uF
PVSS
47uF
VSUP
10uF
TEMP
CTRL1
CTRL2
LX2
LX1
0.47uH
0.47uH
47uF
AS3729B
VSUP
10uF
PVSS
47uF
VSUP
10uF
TEMP
CTRL1
CTRL2
LX2
LX1
0.47uH
0.47uH
47uF
AS3729B
VSUP
10uF
PVSS
47uF
VSUP
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com