Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3722 Datasheet(PDF) 120 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 120 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 116Page - ams-OSRAM AG AS3722 Datasheet HTML 117Page - ams-OSRAM AG AS3722 Datasheet HTML 118Page - ams-OSRAM AG AS3722 Datasheet HTML 119Page - ams-OSRAM AG AS3722 Datasheet HTML 120Page - ams-OSRAM AG AS3722 Datasheet HTML 121Page - ams-OSRAM AG AS3722 Datasheet HTML 122Page - ams-OSRAM AG AS3722 Datasheet HTML 123Page - ams-OSRAM AG AS3722 Datasheet HTML 124Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 199 page
background image
ams Datasheet
Page 119
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 118:
GPIOsignal_in
Figure 119:
Reg_sequ_mod1
1
gpio1_out
0
RW
This bit determines the output signal of the GPIO1
pin when selected as output source
0
gpio0_out
0
RW
This bit determines the output signal of the GPIO0
pin when selected as output source
Addr:21h
GPIOsignal_in
Bit
Bit Name
Default
Access
Bit Description
7gpio7_in
0
RO
This bit reflects the logic level of the GPIO7 pin when
configured as digital input pin
6gpio6_in
0
RO
This bit reflects the logic level of the GPIO6 pin when
configured as digital input pin
5gpio5_in
0
RO
This bit reflects the logic level of the GPIO5 pin when
configured as digital input pin
4gpio4_in
0
RO
This bit reflects the logic level of the GPIO4 pin when
configured as digital input pin
3gpio3_in
0
RO
This bit reflects the logic level of the GPIO3 pin when
configured as digital input pin
2gpio2_in
0
RO
This bit reflects the logic level of the GPIO2 pin when
configured as digital input pin
1gpio1_in
0
RO
This bit reflects the logic level of the GPIO1 pin when
configured as digital input pin
0gpio0_in
0
RO
This bit reflects the logic level of the GPIO0 pin when
configured as digital input pin
Addr:22h
Reg_sequ_mod1
Bit
Bit Name
Default
Access
Bit Description
6sd6_sequ_on
0
RW_SS
Step down 6 controlled by sequencer for ramping
down (reset or power_off )
5sd5_sequ_on
0
RW_SS
Step down 5 controlled by sequencer for ramping
down (reset or power_off )
Addr:20h
GPIOsignal_out
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com