Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1181 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 27Page - ams-OSRAM AG AS1181 Datasheet HTML 28Page - ams-OSRAM AG AS1181 Datasheet HTML 29Page - ams-OSRAM AG AS1181 Datasheet HTML 30Page - ams-OSRAM AG AS1181 Datasheet HTML 31Page - ams-OSRAM AG AS1181 Datasheet HTML 32Page - ams-OSRAM AG AS1181 Datasheet HTML 33Page - ams-OSRAM AG AS1181 Datasheet HTML 34Page - ams-OSRAM AG AS1181 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
31 / 92
/
7.2.1
High side safety monitors
7.2.1.1
Power switch / overcurrent detection
The current applied to the LEDs is measured and compared to an internal reference current in
the high side current path (LP node). This reference current defines the turn off threshold and
can be programmed in HSCS_SEL register (Address 0x1A30). The individual channel current
limits can be defined in CURR_LIM0 register (Address 0x1A12) to CURR_LIM7 register
(Address 0x1A20).
7.2.1.2
LP node open/short detection
LP shorts and open (anode connection of the LED) are detected using current sources in the
“short LP” section of Figure 26 while the power switch is off to prevent accidental illumination
or uncontrolled current paths outside the LEDs.
7.2.2
Low side safety monitors
7.2.2.1
Open and short LED detection
Checks for open and shorted LEDs are done at the cathode connection (LNx) of the LEDs. If
the voltage on the LNx pin is higher than a programmed threshold voltage a shorted LED is
detected and if the voltage on the LNx pin is lower than a programmed threshold open LEDs
are detected. The detection thresholds are pre-programmed in OTP and can be adjusted in the
COMP_LVL_SHORT register (Address 0x1A4C) and COMP_LVL_OPEN register (Address
0x1A4E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com