Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS-TC09 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-TC09
Description  Simultaneous Multi-Gas Detection Using ICL Photoacoustic Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC09 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-TC09 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC09 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-TC09 Rev. A
Page 2
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
The DHR is equipped with condenser microphones instead
of tuning forks or cantilever beams to detect molecular
light absorption. Quartz tuning forks with enhanced
photoacoustic spectrum work at lower pressure, but
they can be difficult for beam collimation. The condenser
microphones, although not as sensitive as cantilever
sensors, avoid much of the temperature and vibration-
sensitivity issues found in tuning fork and cantilever beam
interferometers.
Figure 3 shows the line strengths of the three gases to
measure: methane, ethylene, and ethane. A single ICL
can cover this wavelength range of absorption signals in
3344-3350 nm. Each gas has absorption peaks at different
wavelengths, but minimizing cross-interference will be
important.
Figure 3. The line strengths of methane, ethylene, and
ethane in 3344-3350 nm simulated using the HITRAN
database.1
The commercial ICL used for the multi-component
detection has a center wavelength of 3345 nm and a
dynamic current range of 20-100 mA, corresponding to a
wavelength range of 3344-3355 nm. Researchers used
Wavelength Electronics' WTC3293 temperature controller
to regulate and maintain the laser temperature at 20ºC
with high precision. The typical output power of the laser is
17.2 mW. Because the system uses microphones instead
of tuning forks and cantilever sensors, a collimating lens is
used to create a beam 3 mm in diameter with a Gaussian
power distribution. The microphones have a sensitivity of
-26 ± 3 dB. The main gas tubes are only 50 mm in length,
and the photoacoustic cell holds approximately 2.5 mL in
volume.
The photoacoustic cell is filled with sample gas for gas
detection measurements and is controlled to ambient
pressure. The output of the ICL is modulated to cover the
METHOD
Researchers from the College of Chemistry and Molecular
Engineering, Nanjing Tech University, China have
developed a photoacoustic cell to detect traces of CH
4,
C
2H4, and C2H6 using an ICL source and a differential
Helmholtz resonance cell under ambient pressure. The
setup, including the laser, photoacoustic cell, and gas flow,
can be seen in
Figure 1.
Figure 1. Schematic of the experimental workflow.
(MFC: Mass flow controller; ICL: Interband cascade laser;
PA cell: Photoacoustic cell; DAQ card: Data acquisition
card; PC: Personal computer)1
One of the main changes to the PAS design is the addition
of the differential Helmholtz resonance (DHR) cell. The
simple and low-cost technique is acoustically similar to a
mechanical oscillator composed of two mass blocks and
springs.1 The gas cell contains two identical channels with
gas moving like a piston: compressing gas in one channel
and releasing it in the other channel. Only one channel is
irradiated by the laser, but both gas channels produce
acoustic signals of the same size and opposite phase
because of the laser's Helmholtz resonance frequency.1 The
two channels, and the DHR cell, can be seen in
Figure 2.
Figure 2. (a) Schematic and (b) photo of the DHR
photoacoustic cell.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com