Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC33079 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MC33079
Description  LOW NOISE QUAD OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC33079 Datasheet(HTML) 1 Page - STMicroelectronics

  MC33079 Datasheet HTML 1Page - STMicroelectronics MC33079 Datasheet HTML 2Page - STMicroelectronics MC33079 Datasheet HTML 3Page - STMicroelectronics MC33079 Datasheet HTML 4Page - STMicroelectronics MC33079 Datasheet HTML 5Page - STMicroelectronics MC33079 Datasheet HTML 6Page - STMicroelectronics MC33079 Datasheet HTML 7Page - STMicroelectronics MC33079 Datasheet HTML 8Page - STMicroelectronics MC33079 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MC33079
LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
.
LOW VOLTAGE NOISE : 4.5nV/
√√

Hz
.
HIGH GAIN BANDWIDTH PRODUCT : 15MHz
.
HIGH SLEW RATE : 7V/
µµs
.
LOW DISTORTION : 0.002%
.
LARGE
OUTPUT
VOLTAGE
SWING
:
+14.3V/-14.6V
.
EXCELLENT FREQUENCY STABILITY
.
ESD INTERNAL PROTECTION
.
MACROMODEL INCLUDED IN THIS
SPECIFICATION
N
DIP14
(Plastic Package)
DESCRIPTION
The MC33079 is a monolithic quad operational
amplifier particularly well suited for audio applica-
tions. It offers low voltage noise (4.5nV/
√
Hz ) and
high frequency performances (15MHz Gain Band-
width product, 7V/
µs slew rate).
In addition the MC33079 has a very low distortion
(0.002%) and excellent phase/gain margins.
The output stage allows a large output voltage
swing and symmetrical source and sink currents.
Inve rting Input 2
Non-inverting Input 2
Non-inve rting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inve rting Input 4
Inve rting Input 4
Non-inve rting Input 3
Inve rting Input 3
-
+
-
+
-
+
-
+
Output 1
Inve rting Input 1
Output 2
PIN CONNECTIONS (top view)
D
SO14
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature Range
Package
ND
MC33079
-40, +105
oC
••
1/9


Similar Part No. - MC33079

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33079 ONSEMI-MC33079 Datasheet
277Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079 Datasheet
142Kb / 12P
Low noise quad operational amplifier
13-Mar-2008
logo
ON Semiconductor
MC33079D ONSEMI-MC33079D Datasheet
277Kb / 12P
DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33079D ONSEMI-MC33079D Datasheet
277Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
STMicroelectronics
MC33079D STMICROELECTRONICS-MC33079D Datasheet
239Kb / 12P
LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Jun-2005
More results

Similar Description - MC33079

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Sep-1997
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Jun-2005
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
Oct-2001
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
Radiation Hardened, Low Noise Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Leshan Radio Company
LR074 LRC-LR074 Datasheet
991Kb / 5P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com