Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALG01PCB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ALG01PCB
Description  ALARM GENERATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALG01PCB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ALG01PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALG01
ALARM GENERATOR
TO MONITOR THE FUNCTION OF CPU-COOLER AND FANS WITH PULSE OUTPUT
FEATURES
• Suitable for all SEPA® DC-fans and SEPA® CPU-Cooler with pulse output
• Generates an acoustic sound in case fan fails (missing pulses)
• The alarm will be generated permanently, even if the fan starts after blocking
• False pole protection included
• No stand-by current consumption
• Very small size
TECHNICAL PERFORMANCE
Operating voltage:
4.5 to 15.0VDC
Stand-by current/alarm current:
0 /17 mA
Sound frequency:
4
± 0.5 KHz
Sound level:
>83dB/10cm @ 12VDC
Function:
In case of missing or very low frequency pulses an acoustic signal will be gen-
erated (the sound level varies by the operating voltage). After eliminating the
failure the acoustic signal stops after reset only.
Reset:
Switch off power supply for 30 seconds.
Soldering side
25
51 max
16
8
3.2
8mm max.
Diameter for mounting
IN
OUT
ORDER INFORMATION:
ALG01PCB
Alarm generator, electronic only
BPKZ1010
ALG01ZLT
Alarm generator with lead wires 2 x AWG26, blk, red
auf Anfrage
ALG01FDD
Alarm generator with lead wires and connector (FDD)
auf Anfrage
11/03
Technical changes without notice
DELTA
COMPONENTS GmbH
ž Auweg 27 ž D-79761 Waldshut-Tiengen ž Tel.: +49/7751/8399-0 ž Fax: +49/7751/8399-99
www.DeltaCar-PC.de
www.delta-components.de
E- mail: info@delta-components.de


Similar Part No. - ALG01PCB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
Highest capacitance & Voltage, Low ESR
More results

Similar Description - ALG01PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
Unisonic Technologies
1618 UTC-1618 Datasheet
41Kb / 4P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607 Datasheet
43Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617 Datasheet
34Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_08 Datasheet
150Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_12 Datasheet
162Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
logo
Silvan Chip Electronics...
GE6065B SILVAN-GE6065B Datasheet
164Kb / 3P
1/6 Tones Alarm Generator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com