Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMX1007 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMMX1007
Description  Field Replaceable SMA Mixer from 6 GHz to 18 GHz with an IF Range from DC to 3 GHz and LO Power of 6 dBm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMX1007 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMMX1007 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMX1007 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMMX1007 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMMX1007 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 4 of 4
LABEL
FAIRVIEW MICROWAVE
FMMX1007
D/C: YYWW
4X
.070 1.78
THRU ALL
0
0.00
.055
1.40
.465
11.81
.520
13.21
3X SMA FEMALE
(FIELD REPLACEABLE)
LABEL
0
0.00
.260
6.60
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
A
INITIAL RELEASE
11/08/19
T.GALLA
TITLE
THE INFORMATION AND
DESIGN IN THIS DOCUMENT
IS THE PROPERTY OF
FAIRVIEW MICROWAVE CORPORATION.
ALL RIGHTS RESERVED.
K.DANG
A
FMMX1007
ALL DIMENSIONS SHOWN ARE FOR REFERENCE ONLY.
DRAWN BY
THIRD-ANGLE PROJECTION
SHEET
OF
A
SCALE
SIZE
3FKR5
UNLESS OTHERWISE SPECIFIED LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
REV
1
1
N/A
PART NUMBER
CAGE CODE
THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT
ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW PROHIBITED.
°
ANGLES ± 1
± 1/32
FRACTIONS
.2 [5.08]
.X = ±
.XX = ±.02 [ .51 ]
.005 [ .13 ]
.XXX = ±
TOLERANCES:
L ≤ 12 [305] = +1 [25] / -0
12 [305] < L ≤ 60 [1524] = +2 [51] / -0
60 [1524] < L ≤ 120 [3048] = +4 [102] / -0
120 [3048] < L ≤ 300 [7620] = +6 [152] / -0
300 [7620] < L = +5%L / -0
CABLE LENGTH (L) TOLERANCES:
T-Rev.D
FMMX1007
DATA SHEET
Field Replaceable SMA Mixer from 6 GHz to 18 GHz
with an IF Range from DC to 3 GHz and LO Power of
+6 dBm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com