Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC23-12YWA Datasheet(PDF) 4 Page - Kingbright Corporation

Part # SC23-12YWA
Description  56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC23-12YWA Datasheet(HTML) 4 Page - Kingbright Corporation

  SC23-12YWA Datasheet HTML 1Page - Kingbright Corporation SC23-12YWA Datasheet HTML 2Page - Kingbright Corporation SC23-12YWA Datasheet HTML 3Page - Kingbright Corporation SC23-12YWA Datasheet HTML 4Page - Kingbright Corporation SC23-12YWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: DSAD2329
REV NO: V.8
DATE: JUN/04/2007
PAGE: 4 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000834



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com