Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXA-FMFF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXA-FMFF
Description  F MALE TO F FEMALE STRAIGHT ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXA-FMFF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXA-FMFF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.506
12.84
.346
8.8
[11]
.425
1.008
25.6
.035
0.90
H 11
3/8-32UNEF-2B
NOTES:
ELECTRICAL:
IMPEDANCE: 75 OHMS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
RoHS Compliant
C
DESCRIPTION
MATERIAL
FINISH
PIN
BRASS
TIN
BODY
BRASS
NICKEL
FEMALE INSULATOR
PP
--
MALE INSULATOR
DELRIN
--
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-FMFF
C
AXA-FMFF.SLDDRW
1
1
M. Audas
01/14/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
M. Audas
01/14/10
01/14/10
A
B
Initial Release
ECN4915: 1.008 WAS .965. ADDED .035" DIM
07/22/10
B. Puchaski
DFP
C
ECN 4930: CHANGE CENTER PIN PLATING FROM NICKEL TO TIN
7/26/10
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
F MALE TO F FEMALE STRAIGHT ADAPTER
CONNECTOR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B. Puchaski
COLOR VARIATIONS
MAY OCCUR
01/14/10
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - AXA-FMFF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-FMFF L-COM-AXA-FMFF Datasheet
66Kb / 1P
F MALE TO F FEMALE STRAIGHT ADAPTER
01/14/10
More results

Similar Description - AXA-FMFF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6714 POMONA-6714 Datasheet
15Kb / 1P
BNC Male to F Type Female Adapter
6716 POMONA-6716 Datasheet
42Kb / 1P
BNC Female to F Type Male Adapter
logo
Pasternack Enterprises,...
PE9159 PASTERNACK-PE9159 Datasheet
234Kb / 2P
75 Ohm F Male to F Male Adapter
PE9160 PASTERNACK-PE9160 Datasheet
237Kb / 2P
Push-On 75 Ohm F Male to F Female Adapter
PE9164 PASTERNACK-PE9164 Datasheet
233Kb / 2P
75 Ohm F Female to F Female Adapter
PE9166 PASTERNACK-PE9166 Datasheet
245Kb / 3P
75 Ohm F Male to F Female Right Angle Adapter
PE9734 PASTERNACK-PE9734 Datasheet
245Kb / 3P
75 Ohm F Female to F Female Bulkhead Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE91349 PASTERNACK-PE91349 Datasheet
336Kb / 3P
Precision 75 Ohm F Female to F Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com