Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS801P Datasheet(PDF) 2 Page - YORKVILLE

Part # LS801P
Description  Powered Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

LS801P Datasheet(HTML) 2 Page - YORKVILLE

  LS801P Datasheet HTML 1Page - YORKVILLE LS801P Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
élite
Passive Series
yorkville.com
Specifications
System Type
Rear Horn Loaded Subwoofer
Active or Passive
Active
Program Power (Watts)
1500 Watts (2500 Watts Peak)
Max SPL (dB)
140dB Peak (134dB Continuous)
Frequency Response (Hz +/- 3dB)
45 - 150
LF Driver(s)
18-inch Cast Frame Woofer w/4-inch Voicecoil
LF Protection
Thermal / Overcurrent / Clip
Power Consumption (typ/max)
120V (6.6A / 7.5), 230V (3.3A / 3.9)
Inputs - 1/4" Jacks
2 line/speaker level inputs, 2 link (in/out)
Inputs - XLR
2 line inputs, 2 link (in/out)
Level Controls
Master
Other Controls / Features
Active Controls:
Level
Low Pass Filter Frequency
Bass Boost Level
Corners
Metal
Feet
Rubber
Wheels
Rear tilt-back
Bar Handles
2 (Side), 1 (Rear)
Pole Mount Adapter (1 3/8"-3.5cm)
1 (Top)
Enclosure Materials
15mm (5/8inch) 11-ply Russian Birch
Grille
Perforated Metal
Covering / Finish
Black Ozite (Carpet)
Optional Covering / Finishes
Black Ultrathane Paint (LS801PB)
Dimensions (DWH xbackW, inches)
23 x 27.5 x 32
Dimensions (DWH xbackW, cm)
58.4 x 70 x 81.3
Weight (lbs/kg)
137.3 / 62.3
Specifications subject to change without notice
LS801P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com