Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R5F51406ADFN Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F51406ADFN
Description  Renesas MCUs
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51406ADFN Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F51406ADFN Datasheet HTML 28Page - Renesas Technology Corp R5F51406ADFN Datasheet HTML 29Page - Renesas Technology Corp R5F51406ADFN Datasheet HTML 30Page - Renesas Technology Corp R5F51406ADFN Datasheet HTML 31Page - Renesas Technology Corp R5F51406ADFN Datasheet HTML 32Page - Renesas Technology Corp R5F51406ADFN Datasheet HTML 33Page - Renesas Technology Corp R5F51406ADFN Datasheet HTML 34Page - Renesas Technology Corp R5F51406ADFN Datasheet HTML 35Page - Renesas Technology Corp R5F51406ADFN Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 121 page
background image
R01DS0379EJ0120 Rev.1.20
Page 32 of 121
Nov 22, 2024
RX140 Group
2. Electrical Characteristics
Figure 2.2
Voltage Dependency in Middle-Speed Operating Mode (Reference Data for Products with 64-
Kbyte ROM)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
2
4
6
8
10
12
Ta = 25°C, ICLK = 24 MHz
*1
Ta = 105°C, ICLK = 24 MHz
*2
Ta = 25°C, ICLK = 8 MHz
*1
Ta = 105°C, ICLK = 8 MHz
*2
Ta = 25°C, ICLK = 4 MHz
*1
Ta = 105°C, ICLK = 4 MHz
*2
Ta = 25°C, ICLK = 1 MHz
*1
Ta = 105°C, ICLK = 1 MHz
*2
VCC (V)
Ta = 105°C, ICLK = 24 MHz
*2
Ta = 25°C, ICLK = 24 MHz
*1
Ta = 105°C, ICLK = 8 MHz
*2
Ta = 105°C, ICLK = 4 MHz
*2
Ta = 25°C, ICLK = 8 MHz
*1
Ta = 105°C, ICLK = 1 MHz
*2
Ta = 25°C, ICLK = 4 MHz
*1
Ta = 25°C, ICLK = 1 MHz
*1
Note 1. All peripheral operation is normal. This does not include BGO operation. Average value of the tested
middle samples during product evaluation.
Note 2. All peripheral operation is maximum. This does not include BGO operation. Average value of the tested
upper-limit samples during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com