Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XRAG2 Datasheet(PDF) 24 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 20Page - STMicroelectronics XRAG2_08 Datasheet HTML 21Page - STMicroelectronics XRAG2_08 Datasheet HTML 22Page - STMicroelectronics XRAG2_08 Datasheet HTML 23Page - STMicroelectronics XRAG2_08 Datasheet HTML 24Page - STMicroelectronics XRAG2_08 Datasheet HTML 25Page - STMicroelectronics XRAG2_08 Datasheet HTML 26Page - STMicroelectronics XRAG2_08 Datasheet HTML 27Page - STMicroelectronics XRAG2_08 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
XRAG2 command descriptions
XRAG2
24/33
8.2.5
NAK
The XRAG2 supports the NAK command as described in the EPCglobal Class 1 generation
2 RFID UHF specification, revision 1.0.9.
This command restores tags to the Arbitrate state. Tags in Reply or Killed state remain in
the same state.
The algorithm for a single tag or multiple tag inventory is shown in Figure 17.
Figure 17.
Example of an inventory round
1.
Please refer to EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9 for a complete
description of each command and all state transition cases.
Power up and tag not killed
Ready
Select
Query(Q > 0)
start of inventory
Arbitrate
Reply
Acknowledged
QueryRep or QueryAdjust
and tag slot_counter
≠ 0
tag backscatters RN161
ACK (RN161 within t2)
tag backscatters PC, EPC and CRC16
NAK if
EPC
not valid
QueryRep
or QueryAdjust
if EPC VALID,
Query (start a new round),
Select
ai12333b
QueryRep or QueryAdjust
and tag Slot_counter=0
Query (Q = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com