Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MK68901 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MK68901
Description  MULTI.FUNCTION PERIPHERAL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68901 Datasheet(HTML) 2 Page - STMicroelectronics

  MK68901 Datasheet HTML 1Page - STMicroelectronics MK68901 Datasheet HTML 2Page - STMicroelectronics MK68901 Datasheet HTML 3Page - STMicroelectronics MK68901 Datasheet HTML 4Page - STMicroelectronics MK68901 Datasheet HTML 5Page - STMicroelectronics MK68901 Datasheet HTML 6Page - STMicroelectronics MK68901 Datasheet HTML 7Page - STMicroelectronics MK68901 Datasheet HTML 8Page - STMicroelectronics MK68901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
necessary control and status interface to the pro-
grammer.
The MFP is a derivative of the MK3801 STI, a Z80
family peripheral.
PIN DESCRIPTION
GND :
Ground
VCC :
+5 volts (
± 5%)
CS :
Chip Select (input, active, low). CS is u-
sed to select the MK68901 MFP for ac-
cesses to the internal registers. CS and
IACK must not be asserted at the same
time.
DS :
Data Strobe (input, active low). DS is u-
sed as part of the chip select and interrupt
acknowledge functions.
R/W :
Read/Write (input). R/W is the signal
from the bus master indicating whether
the current bus cycle is a Read (High) or
Write (Low) cycle.
DTACK : Data Transfer Acknowledge. (output, ac-
tive low, tri-stateable) DTACK is used to
signal the bus master that data is ready,
or that data has been accepted by the
MK68901 MFP.
A1-A5 :
Address Bus (inputs). The adress bus is
used to adress one of the internal regis-
ters during a read or write cycle.
D0-D7 :
Data Bus (bi-directional, tri-stateable).
The data bus is used to receive data from
or transmit data to one of the internal re-
gisters during a read or write cycle. It is
also used to pass a vector during an in-
terrupt acknowledge cycle.
CLK :
Clock (input). This input is used to pro-
vide the internal timing for the MK68901
MFP.
RESET : Device reset. (input, active low). Reset
disables the USART receiver and trans-
mitter, stops all timers and forces the ti-
mer outputs low, disables all interrupt
channels and clears any pending inter-
rupts. The General Purpose Interrupt/I/O
lines will be placed in the tri-state input
mode. All internal registers (except the ti-
mer, USART data registers, and transmit
status register) will be cleared.
INTR :
Interrupt Request (output, active low, o-
pen drain). INTR is asserted when the
MK68901 MFP is requesting an interrupt.
INTR is negated during an interrupt ac-
knowledge cycle or by clearing the pen-
ding interrupt(s) through software.
IACK :
Interrupt Acknowledge (input, active
low). IACK is used to signal the MK68901
MFP that the CPU is acknowledging an
interrupt. CS and IACk must not be as-
serted at the same time.
IEI :
Interrupt Enable In (input, active low). IEI
is used to signal the MK68901 MFP that
no higher priority device is requesting in-
terrupt service.
IEO :
Interrupt Enable Out (output, active low).
IEO is used to signal lower priority peri-
pherals that neither the MK68901 MFP
nor another higher priority peripheral is
requesting interrupt service.
10-17 :
General Purpose Interrupt I/O lines.
These lines may be used as interrupt in-
puts and/or I/O lines. When used as in-
terrupt inputs, their active edge is pro-
grammable. A data direction register is u-
sed to define which lines are to be Hi-Z
inputs and which lines are to be push-pull
TTL compatible outputs.
SO :
Serial Output. This is the output of the U-
SART transmitter.
SI :
Serial Input. This is the input to the U-
SART receiver.
RC :
Receiver Clock. This input controls the
serial bit rate of the USART receiver.
TC :
Transmitter Clock. This input controls the
serial bit rate of the USART transmitter.
RR :
Receiver Ready. (output, active low)
DMA output for receiver, which reflects
the status of Buffer Full in port number
15.
TR :
Transmitter Ready. (output, active low)
DMA output for transmitter, which re-
flects the status of Buffer Empty in port
number 16.
TAO,TBO,
TCO,TDO:
Timer Outputs. Each of the four timers
has an output which can produce a
square wave. The output will change
states each timer cycle ; thus one full pe-
riod of the timer out signal is equal to two
timer cycles. TAO or TBO can be reset
(logic ”O”) by a write to TACR, or TBCR
respectively.
XTAL1,
XTAL2 :
Timer Clock inputs. A crystal can be
connected between XTAL1 and XTAL2,
or XTAL1 can be driven with a TTL level
clock. When driving XTAL1 with a TTL le-
MK68901
2/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com