Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA015 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 1 Page - STMicroelectronics

  STA015 Datasheet HTML 1Page - STMicroelectronics STA015 Datasheet HTML 2Page - STMicroelectronics STA015 Datasheet HTML 3Page - STMicroelectronics STA015 Datasheet HTML 4Page - STMicroelectronics STA015 Datasheet HTML 5Page - STMicroelectronics STA015 Datasheet HTML 6Page - STMicroelectronics STA015 Datasheet HTML 7Page - STMicroelectronics STA015 Datasheet HTML 8Page - STMicroelectronics STA015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1/55
STA015
STA015B STA015T
March 2004
■ SINGLE CHIP MPEG2 LAYER 3 DECODER
SUPPORTING:
– All features specified for Layer III in ISO/IEC
11172-3 (MPEG 1 Audio)
– All features specified for Layer III in ISO/IEC
13818-3.2 (MPEG 2 Audio)
– Lower sampling frequencies syntax exten-
sion, (not specified by ISO) called MPEG 2.5
■ DECODES LAYER III STEREO CHANNELS,
DUAL CHANNEL, SINGLE CHANNEL (MONO)
■ SUPPORTING ALL THE MPEG 1 & 2
SAMPLING FREQUENCIES AND THE
EXTENSION TO MPEG 2.5:
48, 44.1, 32, 24, 22.05, 16, 12, 11. 025, 8 KHz
■ ACCEPTS MPEG 2.5 LAYER III
ELEMENTARY COMPRESSED BITSTREAM
WITH DATA RATE FROM 8 Kbit/s UP TO 320
Kbit/s
■ ADPCM CODEC CAPABILITIES:
– sample frequency from 8 kHz to 32 kHz
– sample size from 8 bits to 32 bits
– encoding algorithm: DVI,
ITU-G726 pack (G723-24, G721,G723-40)
– Tone control and fast-forward capability
■ EASY PROGRAMMABLE GPSO INTERFACE
FOR ENCODED DATA UP TO 5Mbit/s
(TQFP44 & LFBGA 64)
■ DIGITAL VOLUME CONTROL
■ DIGITAL BASS & TREBLE CONTROL
■ BYPASS MODE FOR EXTERNAL AUDIO
SOURCE
■ SERIAL BITSTREAM INPUT INTERFACE
■ EASY PROGRAMMABLE ADC INPUT
INTERFACE
■ ANCILLARY DATA EXTRACTION VIA I
2C
INTERFACE.
■ SERIAL PCM OUTPUT INTERFACE (I
2S AND
OTHER FORMATS)
■ PLL FOR INTERNAL CLOCK AND FOR
OUTPUT PCM CLOCK GENERATION
■ CRC CHECK AND SYNCHRONISATION
ERROR DETECTION WITH SOFTWARE
INDICATORS
■ I2C CONTROL BUS
■ LOW POWER 2.4V CMOS TECHNOLOGY
■ WIDE RANGE OF EXTERNAL CRYSTALS
FREQUENCIES SUPPORTED
APPLICATIONS
■ PC SOUND CARDS
■ MULTIMEDIA PLAYERS
■ VOICE RECORDERS
DESCRIPTION
The STA015 is a fully integrated high flexibility
MPEG Layer III Audio Decoder, capable of decod-
ing Layer III compressed elementary streams, as
specified in MPEG 1 and MPEG 2 ISO standards.
The device decodes also elementary streams
compressed by using low sampling rates, as spec-
ified by MPEG 2.5. STA015 receives the input
data through a Serial input Interface. The decoded
signal is a stereo, mono, or dual channel digital
output that can be sent directly to a D/A converter,
by the PCM Output Interface.
This interface is software programmable to adapt
the STA015 digital output to the most common
DACs architectures used on the market. The func-
tional STA015 chip partitioning is described in
Fig.1a and Fig.1b.
ORDERING NUMBER: STA015$ (SO28)
STA015T$ (TQFP44)
STA015B$ (LFBGA 8x8)
SO28
TQFP44
LFBGA64
MPEG 2.5 LAYER III AUDIO DECODER
WITH ADPCM CAPABILITY


Similar Part No. - STA015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
STA015 STMICROELECTRONICS-STA015 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
STA015B STMICROELECTRONICS-STA015B Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
STA015B STMICROELECTRONICS-STA015B Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
STA015T STMICROELECTRONICS-STA015T Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
More results

Similar Description - STA015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA014 STMICROELECTRONICS-STA014 Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
logo
STMicroelectronics
STA016T STMICROELECTRONICS-STA016T Datasheet
249Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
May-2001
STA016A STMICROELECTRONICS-STA016A Datasheet
268Kb / 43P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
Jul-2004
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
logo
Micronas
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
MPEG 1/2 Layer 2/3 Audio Decoder
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com