Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7571 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7571
Description  STPDACsw - Fully digital high efficiency power audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7571 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7571 Datasheet HTML 12Page - STMicroelectronics TDA7571 Datasheet HTML 13Page - STMicroelectronics TDA7571 Datasheet HTML 14Page - STMicroelectronics TDA7571 Datasheet HTML 15Page - STMicroelectronics TDA7571 Datasheet HTML 16Page - STMicroelectronics TDA7571 Datasheet HTML 17Page - STMicroelectronics TDA7571 Datasheet HTML 18Page - STMicroelectronics TDA7571 Datasheet HTML 19Page - STMicroelectronics TDA7571 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Functions, pins and components description
TDA7571
16/21
Rs-P-L, Cs-P-L
Rs-N-R, Cs-N-R
Rs-P-R, Cs-P-R
Are in the direction to increase the dumping (point 1) and reduce the dv/dt (point 2).
The value of these components is also depending on the layout structure. With a reduction
of the parasitic inductance present in the P.C. board layout, in the region around the power
transistors, the value of these components can be reduced, giving advantage in terms of
THD, mainly at mid-high power levels, due to the reduction of the "dead zone".
The minimum suggested value of Rd-x-x is around 10 Ohm, while, is some cases, Rs-x-x
and Cs-x-x can be removed.
4.6
PLL
In case of the schematic shown in Figure 3, the internal oscillator is locked by a PLL circuit
at the Master Clock input frequency (MCLK).
The loop filter of this PLL is externally connected to the pin F (39). It consists in a lag-lead
filter (Cpll1, Rpll). The output resistance of the pin F is a 10K (typ) resistor.
The typical suggested values of Cpll1 and Rpll are the following:
Cpll1 = 10Kpf
Rpll = 1Kohm.
In some cases, in a system with few clock interactions and a good MCLK signal, a parallel
capacitor Cpll2 of 2.2nF-4.7nF can help to decrease the noise at the pin F.
With the PLL option, the A.C. output amplitude is not dependant by the resistor Rosc,
because the voltage across Rosc is defined by the PLL itself, Moreover, the output A.C.
voltage is independent also from the clock of the PCM signal (32kHz, 44.1kHz, 48kHz).
Vice versa, if the free running oscillation is selected, the output signal is dependant by the
Rosc value and from the input PCM frequency.
4.7
Dither
With the pins D1 (43) and D2 (44) 4 types of digital dithering is achievable:
Because of the recorded signals (music or speech) already contains some amount of noise,
the dithering is generally not needed.
For high quality signals, it is suggested do not use the cases 3 and 4, that can be useful only
in case of low resolution signals without noise added.
Table 7.
4 types of digital dithering
D1
D2
Dithering
1
00
Low
2
01
Mid-low
3
1
0
Mid-high
4
1
1
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com