Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M95320-RBN3T Datasheet(PDF) 5 Page - STMicroelectronics

Part # M95320-RBN3T
Description  64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RBN3T Datasheet(HTML) 5 Page - STMicroelectronics

  M95320-RBN3T Datasheet HTML 1Page - STMicroelectronics M95320-RBN3T Datasheet HTML 2Page - STMicroelectronics M95320-RBN3T Datasheet HTML 3Page - STMicroelectronics M95320-RBN3T Datasheet HTML 4Page - STMicroelectronics M95320-RBN3T Datasheet HTML 5Page - STMicroelectronics M95320-RBN3T Datasheet HTML 6Page - STMicroelectronics M95320-RBN3T Datasheet HTML 7Page - STMicroelectronics M95320-RBN3T Datasheet HTML 8Page - STMicroelectronics M95320-RBN3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/39
M95640, M95320
SUMMARY DESCRIPTION
These electrically erasable programmable memo-
ry (EEPROM) devices are accessed by a high
speed SPI-compatible bus. The memory array is
organized as 8192 x 8 bit (M95640), and 4096 x 8
bit (M95320).
The device is accessed by a simple serial interface
that is SPI-compatible. The bus signals are C, D
and Q, as shown in Table 1 and Figure 2.
The device is selected when Chip Select (S) is tak-
en Low. Communications with the device can be
interrupted using Hold (HOLD).
Figure 2. Logic Diagram
Figure 3. DIP and SO Connections
Note: 1. See page 33 (onwards) for package dimensions, and how
to identify pin-1.
Figure 4. TSSOP14 Connections
Note: 1. See page 33 (onwards) for package dimensions, and how
to identify pin-1.
2. NC = Not Connected
Table 1. Signal Names
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
D
VSS
C
HOLD
Q
SVCC
W
AI01790D
M95xxx
1
2
3
4
8
7
6
5
1
AI02346C
2
3
4
14
9
10
8
D
VSS
WC
S
HOLD
M95xxx
NC
Q
NC
NC
NC
NC
NC
5
6
7
12
13
11
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com