Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LB-H9GP Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LB-H9GP
Description  OSLON® Black
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-H9GP Datasheet(HTML) 1 Page - ams-OSRAM AG

  LB-H9GP Datasheet HTML 1Page - ams-OSRAM AG LB-H9GP Datasheet HTML 2Page - ams-OSRAM AG LB-H9GP Datasheet HTML 3Page - ams-OSRAM AG LB-H9GP Datasheet HTML 4Page - ams-OSRAM AG LB-H9GP Datasheet HTML 5Page - ams-OSRAM AG LB-H9GP Datasheet HTML 6Page - ams-OSRAM AG LB-H9GP Datasheet HTML 7Page - ams-OSRAM AG LB-H9GP Datasheet HTML 8Page - ams-OSRAM AG LB-H9GP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LB H9GP
1 Version 1.9 | 2018-11-15
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LB H9GP
OSLON® Black
OSLON Black Series combines thermal stability with
high performance and reliability in a compact black
package. It has a metal lead frame and a tried and
tested lens design. The LED can be used wherever
there are large fluctuations in temperature and a
large amount of light is needed from a small area.
—
Cluster, Button Backlighting
—
Custom Tuning
—
Head-Up Display LED & Laser
—
Interior Illumination (e.g. Ambient Map)
—
Transportation, Plane, Ship
Features:
—
Package: SMD epoxy package with silicone lens
—
Chip technology: ThinGaN
—
Typ. Radiation: 90°
—
Color: λ
dom = 470 nm (● blue)
—
Corrosion Robustness Class: 3B
—
Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)


Similar Part No. - LB-H9GP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-H9GP OSRAM-LB-H9GP Datasheet
697Kb / 21P
SMD epoxy package with silicone lens
More results

Similar Description - LB-H9GP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4703AS OSRAM-SFH4703AS Datasheet
570Kb / 14P
OSLON Black Series
LAH9GP OSRAM-LAH9GP Datasheet
621Kb / 21P
OSLON Black
LRH9PP OSRAM-LRH9PP Datasheet
726Kb / 22P
OSLON Black Flat
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
SFH-4713A OSRAM-SFH-4713A Datasheet
748Kb / 13P
OSLON Black Series
SFH-4715 OSRAM-SFH-4715 Datasheet
500Kb / 14P
OSLON Black Series
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com