Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT75XX-2 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT75XX-2
Description  30V, 100mA Low Power LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75XX-2 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT75XX-2_V02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT75XX-2_V02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT75XX-2_V02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75XX-2_V02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75XX-2_V02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT75XX-2_V02 Datasheet HTML 10Page - Holtek Semiconductor Inc HT75XX-2_V02 Datasheet HTML 11Page - Holtek Semiconductor Inc HT75XX-2_V02 Datasheet HTML 12Page - Holtek Semiconductor Inc HT75XX-2_V02 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HT75xx-2
30V, 100mA Low Power LDO
Rev. 1.91
10
December 03, 2025
HT75A0-2, +10.0V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Conditions
VIN
Input Voltage
30
V
VOUT
Output Voltage
VIN=12.0V, IOUT=10mA
9.900 10.000 10.100
V
IOUT
Output Current
VIN=12.0V
150
mA
∆VOUT
Load Regulation
VIN=12.0V, 1mA≤IOUT≤70mA
25
70
mV
VDIF
Dropout Voltage (Note)
IOUT=1mA, ∆VOUT=2%
25
55
mV
ISS
Quiescent Current
No load
2.5
4.0
μA
D V OU T
D V IN ´ V OU T
Line Regulation
11.0V≤VIN≤30V, IOUT=1mA
0.2
%/V
D V OU T
D T a ´ V OU T
Temperature Coefficient
IOUT=10mA, -40°C<Ta<85°C
100
ppm/°C
Note: Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the
output voltage from the value at VIN= VOUT+2V with a fixed load.
HT75C0-2, +12.0V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Conditions
VIN
Input Voltage
30
V
VOUT
Output Voltage
VIN=14.0V, IOUT=10mA
11.880 12.000 12.120
V
IOUT
Output Current
VIN=14.0V
150
mA
∆VOUT
Load Regulation
VIN=14.0V, 1mA≤IOUT≤70mA
25
70
mV
VDIF
Dropout Voltage (Note)
IOUT=1mA, ∆VOUT=2%
25
55
mV
ISS
Quiescent Current
No load
2.5
4.0
μA
D V OU T
D V IN ´ V OU T
Line Regulation
13.0V≤VIN≤30V, IOUT=1mA
0.2
%/V
D V OU T
D T a ´ V OU T
Temperature Coefficient
IOUT=10mA, -40°C<Ta<85°C
100
ppm/°C
Note: Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the
output voltage from the value at VIN= VOUT+2V with a fixed load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com