Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP2025 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP2025
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP2025 Datasheet HTML 30Page - Microchip Technology MCP2025 Datasheet HTML 31Page - Microchip Technology MCP2025 Datasheet HTML 32Page - Microchip Technology MCP2025 Datasheet HTML 33Page - Microchip Technology MCP2025 Datasheet HTML 34Page - Microchip Technology MCP2025 Datasheet HTML 35Page - Microchip Technology MCP2025 Datasheet HTML 36Page - Microchip Technology MCP2025 Datasheet HTML 37Page - Microchip Technology MCP2025 Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
MCP2025
DS20002306B-page 36
 2012-2014 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP2025:
LIN Transceiver with Voltage Regulator
MCP2025T:
LIN Transceiver with Voltage Regulator
(Tape and Reel)
Voltage:
330 = 3.3V
500 = 5.0V
Temperature Range:
E
= -40°C to +125°C
Package:
MD = 8LD Plastic Dual Flat, No Lead – 4x4x0.8 mm
Body
P
= 8LD/14LD Plastic Dual In-Line – 300 mil Body
SN = 8LD Plastic Small Outline – Narrow, 3.90 mm
Body
PART NO.
–X
/XX
Package
Voltage
Device
Examples:
a)
MCP2025-330E/MD: 3.3V, 8-lead DFN package
b)
MCP2025-500E/MD: 5.0V, 8-lead DFN package
c)
MCP2025T-330E/MD: 3.3V, 8-lead DFN package,
Tape and Reel
d)
MCP2025T-500E/MD: 5.0V, 8-lead DFN package,
Tape and Reel
e)
MCP2025-330E/P:
3.3V, 8-lead PDIP package
f)
MCP2025-500E/P:
5.0V, 8-lead PDIP package
g)
MCP2025-330E/SN:
3.3V, 8-lead SOIC package
h)
MCP2025-500E/SN:
5.0V, 8-lead SOIC package
i)
MCP2025T-330E/SN: 3.3V, 8-lead SOIC package,
Tape and Reel
j)
MCP2025T-500E/SN: 5.0V, 8-lead SOIC package,
Tape and Reel
X
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com