Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP35 Datasheet(PDF) 1 Page - FLEXTRAL

Part # LP35
Description  LP35 LPG Gas Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

LP35 Datasheet(HTML) 1 Page - FLEXTRAL

  LP35 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LP35 LPG Gas Hose
www.
.com
V04.21
Application:
LP gas/propane bulk loading/unloading, input transfer, transport, agriculture, construction,
industrial, and commercial and reserved heating. Meets or exceeds the requirements of CAN/
CGA-8.1-M86 Type I; UL21.
Construction:
Tube - Black nitrile Z\v” - 1Z\v”. Black neoprene 1Z\x” - 3”
Reinforcement - Multiple textile plies for kink resistance, strength and durability
Cover - Black, neoprene perforated
Branding - FLEXTRAL LP35-100 1” UL/CGA TYPE 1 LP-GAS HOSE DO NOT EXCEED 350
PSI WP MADE IN U.S.A.
Temperature:
-40°C to +82°C (-40°F to +180°F)
LP35 is a lightweight liquefied petroleum gas (LPG)/propane delivery and transfer hose. The hose meets all
Underwriters Laboratories (UL21) and Canadian (CSA 8.1 Type I) requirements. The construction incorporates
multiple textile plies of reinforcement for flexibility and kink resistance. The perforated cover is resistant to mild
chemicals, oil and ozone. LP35 is available in long lengths on reels, long cut lengths and factory-tested assemblies
from stock in popular configurations.
LP35 and Natural Gas: The molecules of natural gas are small, enhancing their ability to permeate through standard
rubber hose constructions. The permeation process is more rapid as the working pressure increases, and natural gas
accumulates with potentially dangerous consequences. LP35 may be used for natural gas service, but ONLY under
ALL of the following conditions:
The application must be in a well-ventilated environment: Outdoors, or indoors with significant
continuous air movement.
LP35 is not to replace fixed/rigid pipe where that material is more appropriate due to reduced
permeation and overall strength and durability. Use rigid pipe, non-permeable tubing or hose with
barrier constructions to convey natural gas whenever possible.
LP35 and Compressed Natural Gas (CNG): Do not use LP35 for CNG engine applications in on-road vehicles, or
for high-pressure CNG dispenser/transfer applications (typically 2,900 PSI or greater). In other applications-- where
CNG is regulated to pressures within the rating of LP35-apply the guidelines for natural gas applications stated above.
Always review and adhere to all applicable government and industry regulations and standards prior to installing this
hose in a CNG or natural gas application.
** Never convey LP gas over 140°F/60°C
*** LP fittings ONLY
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
LP35-025
Z\v
0.58
350
3.0
0.14
700’
LP35-038
C\,
0.75
350
3.0
0.21
700’
LP35-050
Z\x
0.91
350
5.0
0.28
700’
LP35-075
C\v
1.33
350
6.0
0.44
350’
LP35-100
1
1.51
350
8.0
0.60
100’/150’/200’
LP35-125
1Z\v
1.85
350
10.0
0.98
300’
LP35-150
1Z\x
2.25
350
12.0
1.26
60’
LP35-200
2
2.86
350
14.0
1.84
60’
LP35-300
3
3.88
350
24.0
2.58
60’


Similar Part No. - LP35

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LP35 SENSATA-LP35 Datasheet
1Mb / 8P
LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
LP35 SENSATA-LP35 Datasheet
1Mb / 12P
LOW PROFILE PROGRAMMABLE ENCODER
Rev.07/29/19
LP35 SENSATA-LP35 Datasheet
1Mb / 11P
LOW PROFILE INCREMENTAL OR ABSOLUTE ENCODER
Rev.07/22/19
LP35 SENSATA-LP35 Datasheet
1Mb / 8P
LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
LP35 SENSATA-LP35 Datasheet
2Mb / 12P
LOW PROFILE, NON-INCENDIVE INCREMENTAL OR ABSOLUTE ENCODER
Rev:03/28/22
More results

Similar Description - LP35

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
1M1M-HOS-3FT RALSTON-1M1M-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
1P1P-HOS-3FT RALSTON-1P1P-HOS-3FT Datasheet
299Kb / 1P
Quick-test hose
1S1S-HOS-3FT RALSTON-1S1S-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
2M2M-HOS-3FT RALSTON-2M2M-HOS-3FT Datasheet
301Kb / 1P
Quick-test hose
2S2S-HOS-3FT RALSTON-2S2S-HOS-3FT Datasheet
290Kb / 1P
Quick-test hose
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
QSQS-HOS-100FT RALSTON-QSQS-HOS-100FT_14 Datasheet
264Kb / 1P
Quick-test 6900 psi hose, S.S. hose ends, 100 ft (30.1 m) long (with hose reel)
QTQT-HOS-50FT RALSTON-QTQT-HOS-50FT Datasheet
263Kb / 1P
Quick-test 6900 psi hose, brass hose ends, 50 ft (15.2 m) long (with hose reel)
QSQS-HOS-100FT RALSTON-QSQS-HOS-100FT Datasheet
327Kb / 1P
Quick-test 6900 psi hose, S.S. hose ends, 100 ft (30.1 m) long (with hose reel)
logo
List of Unclassifed Man...
MQ6 ETC2-MQ6 Datasheet
179Kb / 3P
Semiconductor Sensor for LPG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com