Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PD55003 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PD55003
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PD55003 Datasheet HTML 8Page - STMicroelectronics PD55003 Datasheet HTML 9Page - STMicroelectronics PD55003 Datasheet HTML 10Page - STMicroelectronics PD55003 Datasheet HTML 11Page - STMicroelectronics PD55003 Datasheet HTML 12Page - STMicroelectronics PD55003 Datasheet HTML 13Page - STMicroelectronics PD55003 Datasheet HTML 14Page - STMicroelectronics PD55003 Datasheet HTML 15Page - STMicroelectronics PD55003 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
PD55003 - PD55003S
12/19
COMMON SOURCE S-PARAMETER (PD55003)
(VDS = 12.5V IDS = 0.8A)
FREQ
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.786
-138
26.54
100
0.026
13
0.666
-137
100
0.791
-156
13.46
87
0.026
0
0.674
-155
150
0.816
-163
8.94
80
0.027
-5
0.662
-160
200
0.829
-167
6.63
73
0.026
-13
0.678
-163
250
0.835
-170
5.24
67
0.025
-16
0.677
-164
300
0.846
-171
4.26
62
0.025
-21
0.709
-167
350
0.854
-173
3.57
56
0.023
-25
0.736
-167
400
0.864
-174
3.01
51
0.021
-31
0.758
-168
450
0.872
-175
2.58
47
0.021
-31
0.783
-167
500
0.878
-176
2.24
43
0.019
-34
0.787
-168
550
0.890
-177
1.97
39
0.018
-37
0.800
-170
600
0.896
-178
1.74
36
0.017
-39
0.816
-171
650
0.902
-179
1.56
32
0.014
-44
0.827
-173
700
0.910
180
1.41
29
0.015
-38
0.845
-173
750
0.909
179
1.27
26
0.012
-46
0.854
-175
800
0.917
178
1.16
23
0.011
-41
0.865
-175
850
0.918
177
1.06
21
0.008
-37
0.879
-176
900
0.925
176
0.97
18
0.010
-43
0.877
-177
950
0.926
175
0.90
15
0.008
-47
0.887
-179
1000
0.927
174
0.83
12
0.007
-44
0.889
180
1050
0.921
173
0.77
10
0.007
-47
0.898
179
1100
0.932
172
0.72
8
0.006
-11
0.902
179
1150
0.933
172
0.67
6
0.005
-35
0.895
178
1200
0.930
171
0.63
4
0.004
-16
0.901
177
1250
0.937
170
0.59
1
0.004
-14
0.897
176
1300
0.937
169
0.55
-1
0.004
4
0.916
176
1350
0.936
168
0.52
-3
0.003
1
0.909
175
1400
0.937
168
0.49
-4
0.004
39
0.917
174
1450
0.934
167
0.45
-6
0.004
60
0.910
173
1500
0.938
166
0.43
-7
0.002
73
0.916
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com